Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V29LC51001 Datasheet(PDF) 9 Page - Mosel Vitelic, Corp

Part # V29LC51001
Description  1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V29LC51001 Datasheet(HTML) 9 Page - Mosel Vitelic, Corp

Back Button V29LC51001 Datasheet HTML 4Page - Mosel Vitelic, Corp V29LC51001 Datasheet HTML 5Page - Mosel Vitelic, Corp V29LC51001 Datasheet HTML 6Page - Mosel Vitelic, Corp V29LC51001 Datasheet HTML 7Page - Mosel Vitelic, Corp V29LC51001 Datasheet HTML 8Page - Mosel Vitelic, Corp V29LC51001 Datasheet HTML 9Page - Mosel Vitelic, Corp V29LC51001 Datasheet HTML 10Page - Mosel Vitelic, Corp V29LC51001 Datasheet HTML 11Page - Mosel Vitelic, Corp V29LC51001 Datasheet HTML 12Page - Mosel Vitelic, Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MOSEL VITELIC
V29LC51001
9
V29LC51001 Rev. 0.5 October 2000
Table 2. Command Codes
NOTES:
1.
PA: The address of the memory location to be programmed.
2.
PD: The data at the byte address to be programmed.
3.
40H: Manufacturing ID
4.
60H: Device ID
Command
Sequence
First Bus
Program Cycle
Second Bus
Program Cycle
Third Bus
Program Cycle
Fourth Bus
Program Cycle
Fifth Bus
Program Cycle
Six Bus
Program Cycle
Address
Data
Address
Data
Address
Data
Address
Data
Address
Data
Address
Data
Read
XXXXH
F0H
Read
5555H
AAH
2AAAH
55H
5555H
F0H
RA
RD
Autoselect
5555H
AAH
2AAAH
55H
5555H
90H
00H
40H(3)
01H
60H(4)
Byte
Program
5555H
AAH
2AAAH
55H
5555H
A0H
PA
PD(2)
Chip Erase
5555H
AAH
2AAAH
55H
5555H
80H
5555H
AAH
2AAAH
55H
5555H
10H
Sector Erase
5555H
AAH
2AAAH
55H
5555H
80H
5555H
AAH
2AAAH
55H
PA(1)
30H
Chip Erase Cycle
The V29LC51001 features a chip-erase
operation. The chip erase operation is initiated by
using a specific six-bus-cycle sequence: two unlock
program cycles, a setup command, two additional
unlock program cycles, and the chip erase
command (see Table 2).
The chip erase operation is performed
sequentially, one sector at a time. When the
automated on chip erase algorithm is requested
with the chip erase command sequence, the device
automatically programs and verifies the entire
memory array for an all zero pattern prior to erasure
The automatic erase begins on the rising edge of
the last WE or CE pulse in the command sequence
and terminates 500ms later.
Hardware Data Protection
VCC Sense Protection: the program operation is
inhibited when VCC is less than 2.5V.
Noise Protection: a CE or WE pulse of less than
5ns will not initiate a program cycle.
Program Inhibit Protection: holding any one of
OE LOW, CE HIGH or WE HIGH inhibits a program
cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com