Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPM3-914-17-RPS Datasheet(PDF) 2 Page - Radiometrix Ltd

Part # RPM3-914-17-RPS
Description  UHF Radio Packet Modem
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

RPM3-914-17-RPS Datasheet(HTML) 2 Page - Radiometrix Ltd

  RPM3-914-17-RPS Datasheet HTML 1Page - Radiometrix Ltd RPM3-914-17-RPS Datasheet HTML 2Page - Radiometrix Ltd RPM3-914-17-RPS Datasheet HTML 3Page - Radiometrix Ltd RPM3-914-17-RPS Datasheet HTML 4Page - Radiometrix Ltd RPM3-914-17-RPS Datasheet HTML 5Page - Radiometrix Ltd RPM3-914-17-RPS Datasheet HTML 6Page - Radiometrix Ltd RPM3-914-17-RPS Datasheet HTML 7Page - Radiometrix Ltd RPM3-914-17-RPS Datasheet HTML 8Page - Radiometrix Ltd RPM3-914-17-RPS Datasheet HTML 9Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Radiometrix Ltd.
UHF FM Radio Packet Modem
page 2
INTRODUCTION
The RPM3 is a self-contained Radio Packet Modem module that requires only a simple antenna, 5V
supply and a serial I/O port on a host microcontroller or PC.
The module provides all the RF circuits and processor intensive low level packet formatting and packet
recovery functions required to inter-connect any number of devices with serial port in a radio network.
A continuous stream of serial data downloaded by a Host microcontroller into the RPM3 serial receive
buffer is transmitted by the RPM3’S transceiver and will "appear" in the serial buffer of the addressed
RPM3 within radio range.
Figure 2: Point to point wireless link with RPM3 + Host microcontroller
1. FUNCTIONAL DESCRIPTION
The RPM3 is a connection oriented modem module for sending and receiving serial data via an RF
communications link.
The RPM3 handles all necessary protocol related functions of validation and retries to ensure error free
and uninterrupted data is sent over the communications link. All data transfers between a pair of RPMS
are fully acknowledged, thus preventing the loss of data. Bit coding and checksums are used on the data
packets to ensure the validity of the received data at the remote end.
Figure 3: RPM3 block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com