Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPM3-914-17-RPS Datasheet(PDF) 6 Page - Radiometrix Ltd

Part # RPM3-914-17-RPS
Description  UHF Radio Packet Modem
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

RPM3-914-17-RPS Datasheet(HTML) 6 Page - Radiometrix Ltd

Back Button RPM3-914-17-RPS Datasheet HTML 2Page - Radiometrix Ltd RPM3-914-17-RPS Datasheet HTML 3Page - Radiometrix Ltd RPM3-914-17-RPS Datasheet HTML 4Page - Radiometrix Ltd RPM3-914-17-RPS Datasheet HTML 5Page - Radiometrix Ltd RPM3-914-17-RPS Datasheet HTML 6Page - Radiometrix Ltd RPM3-914-17-RPS Datasheet HTML 7Page - Radiometrix Ltd RPM3-914-17-RPS Datasheet HTML 8Page - Radiometrix Ltd RPM3-914-17-RPS Datasheet HTML 9Page - Radiometrix Ltd RPM3-914-17-RPS Datasheet HTML 10Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Radiometrix Ltd.
UHF FM Radio Packet Modem
page 6
TECHNICAL SPECIFICATION
Note:
1.
RPM3 uses BiM3A (64kbps UHF Wide Band FM) transceiver for its RF interface. Please refer
to BiM3A data sheet for further details on the RF specification.
2.
BiM3A consumes 7mA on transmit and 11mA on receive
General
Operating Voltage
5VDC or 3VDC
Operating Current
ACKMODE ON
Transmitting
Receiving
Average 15mA (Data streaming)
Average 15mA (Data streaming)
ACKMODE OFF
Transmitting
Receiving
Average 14mA (Data streaming)
Average 15mA (Data streaming)
Auto-Standby
4mA (Waiting for Connection)
Power-down
70
µA
Standard Operating frequency
869.85MHz (EU)
914.50MHz (USA, Canada)
TX spectral bandwidth @ -40dBc
250kHz
Operating Temperature
-20ºC to +70ºC
Configuring options
Built-in command line configurator
Interface
Serial Interface
Inverted RS232 at 5V or 3V CMOS level
Serial Protocol
8 data/1 stop/no parity
Serial Signals
RXD, TXD, CTS, WAKE
Power down Control
Via WAKE/DTR signal
Serial Handshaking
Selectable as CTS signal or none
DTE Interface Speed
600/1200/2400/4800/9600/19200/38400/57600/115200 bps
Air Interface Speed
64kbps
Overall throughput – Acknowledged
17kbps (max)
3.6kbps (slots)
1.8kbps (slotsw)
– Unacknowledged 28kbps (max)
3.6kbps (slots)
1.8kbps (slotsw)
Receiver
Sensitivity
-100dBm for 1ppm BER
LO leakage (conducted)
-110dBm (max)
Transmitter
Output Power (typical)
+2dBm (EU version)
-1dBm (US version)
Spurious Emissions
-40dBm max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com