Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPM3-914-17-RPS Datasheet(PDF) 13 Page - Radiometrix Ltd

Part # RPM3-914-17-RPS
Description  UHF Radio Packet Modem
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

RPM3-914-17-RPS Datasheet(HTML) 13 Page - Radiometrix Ltd

Back Button RPM3-914-17-RPS Datasheet HTML 7Page - Radiometrix Ltd RPM3-914-17-RPS Datasheet HTML 8Page - Radiometrix Ltd RPM3-914-17-RPS Datasheet HTML 9Page - Radiometrix Ltd RPM3-914-17-RPS Datasheet HTML 10Page - Radiometrix Ltd RPM3-914-17-RPS Datasheet HTML 11Page - Radiometrix Ltd RPM3-914-17-RPS Datasheet HTML 12Page - Radiometrix Ltd RPM3-914-17-RPS Datasheet HTML 13Page - Radiometrix Ltd RPM3-914-17-RPS Datasheet HTML 14Page - Radiometrix Ltd RPM3-914-17-RPS Datasheet HTML 15Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Radiometrix Ltd.
UHF FM Radio Packet Modem
page 13
4.5 RADAR: DIAGNOSTIC TEST
Built into the configurator is a diagnostic test suitable for range testing and link confidence testing. The
Radar test effectively sends a small request packet to a remote unit then waits for a reply. The remote
unit must not be in the configurator otherwise it will not respond.
Upon receipt of a positive response from the remote unit, a success is recorded before the process is
repeated. This test will continue indefinitely until it is ended by a key press.
4.6 Radio Packet Modem Error Handling
The RPM3’s radio decoder module is deliberately non bit error tolerant, i.e. no attempt is made to repair
corrupt data bits. All of the redundancy in the code is directed towards error checking. For an FM radio
link using short packet lengths, packets are either 100% or so grossly corrupt as to be unrecoverable. By
the same reasoning, the Host is not informed or sent corrupt data since corrupt information is of little
value. The RPM3 implements packet acknowledges, timeouts and re-transmission to accomplish reliable
error handling.
Ordering information
Part number
European: 869.85MHz
Supply SMA
Connector
SMA
Antenna
RPM3-869-17
5V
RPM3-869-17-3V
3V
RPM3-869-17-SMA
5V
Yes
RPM3-869-17-3V-SMA
3V
Yes
RPM3-869-17-ANT
5V
Yes
Yes
RPM3-869-17-3V-ANT
3V
Yes
Yes
Part number
North American: 914.5MHz
Supply RPSMA
Connector
RPSMA
Antenna
RPM3-914-17
5V
RPM3-914-17-3V
3V
RPM3-914-17-RPS
5V
Yes
RPM3-914-17-3V-RPS
3V
Yes
RPM3-914-17-ANT
5V
Yes
Yes
RPM3-914-17-3V-ANT
3V
Yes
Yes
Notes:
1. Standard RPM3 module will be supplied with neither the connector nor antenna and RF pin (2).
2. If an SMA (or Reverse Polarity SMA) connector or 1/4 wavelength wire antenna is soldered on the
protruding PCB section for SMA connector, then the RF pin (2) should be cropped with side
cutters for better RF performance.
3. If the RF output is going to be taken from the RF pin (2) to on-board antenna or connector on the
host PCB (motherboard) via 50
Ω microstrip, the protruding section of the RPM3 PCB can be cut
along the width of the RPM3 to remove the redundant connector section.
4. RPM3 is supplied with 7mm long pins which need to be trimmed to mount the module as close as
possible to the host PCB (motherboard). Ideally, the black coloured plastic spacer on the RPM3
pinheader should be touching (resting on) the host PCB.
5. North American version can also be supplied with SMA connector and antenna. However, only
the RSPMA antenna version is approved under FCC Part 15.249.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com