Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPM3-914-17-RPS Datasheet(PDF) 11 Page - Radiometrix Ltd

Part # RPM3-914-17-RPS
Description  UHF Radio Packet Modem
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

RPM3-914-17-RPS Datasheet(HTML) 11 Page - Radiometrix Ltd

Back Button RPM3-914-17-RPS Datasheet HTML 7Page - Radiometrix Ltd RPM3-914-17-RPS Datasheet HTML 8Page - Radiometrix Ltd RPM3-914-17-RPS Datasheet HTML 9Page - Radiometrix Ltd RPM3-914-17-RPS Datasheet HTML 10Page - Radiometrix Ltd RPM3-914-17-RPS Datasheet HTML 11Page - Radiometrix Ltd RPM3-914-17-RPS Datasheet HTML 12Page - Radiometrix Ltd RPM3-914-17-RPS Datasheet HTML 13Page - Radiometrix Ltd RPM3-914-17-RPS Datasheet HTML 14Page - Radiometrix Ltd RPM3-914-17-RPS Datasheet HTML 15Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Radiometrix Ltd.
UHF FM Radio Packet Modem
page 11
SLOTS: Setting the throughput to SLOTS provides a method of opening about 85ms ‘time slots’ for other
RPM3 pairs operating in close proximity. The effective streaming on-air throughput between a pair of
RPM3 is effectively reduced to approximately 3.6kbps (with/without ACK).
Figure 10: RPM3 operating in slots throughput mode with ACK for each transmission
SLOTSW: This setting effectively widens the SLOTS to about 185ms, reducing the over-air
throughput to approximately 1.8kbps (with/without ACK). It allows more RPM3 pairs to share
the same frequency. Host should obey CTS flow control signal from RPM3 when using SLOTS or
SLOTSW mode.
Figure 11: RPM3 operating in slotsw throughput mode
Overall throughput of the RPM3 is fixed according to thruput mode selected. Effective throughput will
vary according to the file transfer protocol used. ZMODEM is the most popular and fastest protocol but it
still adds its own header, CRC, link control bits to the data packet being transmitted reducing the actual
throughput.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com