Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPM3-914-17-RPS Datasheet(PDF) 4 Page - Radiometrix Ltd

Part # RPM3-914-17-RPS
Description  UHF Radio Packet Modem
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

RPM3-914-17-RPS Datasheet(HTML) 4 Page - Radiometrix Ltd

  RPM3-914-17-RPS Datasheet HTML 1Page - Radiometrix Ltd RPM3-914-17-RPS Datasheet HTML 2Page - Radiometrix Ltd RPM3-914-17-RPS Datasheet HTML 3Page - Radiometrix Ltd RPM3-914-17-RPS Datasheet HTML 4Page - Radiometrix Ltd RPM3-914-17-RPS Datasheet HTML 5Page - Radiometrix Ltd RPM3-914-17-RPS Datasheet HTML 6Page - Radiometrix Ltd RPM3-914-17-RPS Datasheet HTML 7Page - Radiometrix Ltd RPM3-914-17-RPS Datasheet HTML 8Page - Radiometrix Ltd RPM3-914-17-RPS Datasheet HTML 9Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Radiometrix Ltd.
UHF FM Radio Packet Modem
page 4
2 The Host Interface
2.1 SIGNALS
The connection to the RPM3 is a full duplex serial interface supporting baud rates from 600bps to
115200bps. Additional control signals are provided to assist in flow control, configuration and power
saving in the RPM3.
Figure 5: Physical dimensions and pinouts
Pin name
Pin
Pin Function
In/Out
Description
RF GND
1, 3
RF signal ground
BNC casing/coax braid connection
RF
2
RF signal
Input or
Output
Antenna pin/coax core connection
RXSELCT
4
Receiver Select
Input
or Output
Internal RF Receiver Enable to BiM3A
or RF Receiver Active Indicator
TX SELECT
5
Transmitter Select
Input
or Output
Internal RF Transmitter Enable to BiM3A
or RF Transmitter Active Indicator
TXD/AF
7
Transmitted Data
or demodulated signal
Input
or Output
Transmitted Packetised Data to BiM3A
Analogue Demodulated signal from BiM3A
D3
8
FRPC Data line
NC
Internal data line between RPM and FRPC
D2
9
FRPC Data line
NC
Internal data line between RPM and FRPC
SIGNAL
10
Preamble Detect
Output
Valid preamble indicator
RST
11
FRPC reset
NC
Resets FRPC which also isolates BiM3A
RXA
12
Receive Acknowledge
NC
RPM to FRPC download Request Acknowledge
RXR
13
Receive Request
Output
Valid Data packet indicator
RESET
14
Reset
Input
Hardware reset of the RPM3
SETUP
15
Enter Setup
Input
Enter RPM3 configurator after a RESET
WAKE/DTR
16
Wake or Shutdown
Input
Wakes RPM3 when low, shuts down when high
TXD
17
Serial transmitted data
Input
Host (DTE) to RPM3 serial transmit data
RXD
18
Serial Received data
Output
RPM3 to host (DTE) serial received data
CTS
19
Clear To Send
Output
Hardware flow control of data from host (DTE)
DEFAULT
20
Force 9600bps
Input
Force the RPM3 serial interface to 9600bps
VCC
21
Vcc Supply
Input
+5VDC or +3VDC regulated supply
GND
6, 22
Ground
-
Supply Ground internally connected to GND
Notes: 1. RXD/TXD lines are true data
2. Active low SETUP, DEFAULT inputs require external 10kΩ pull-up to VCC.
3. Logic levels are 5V CMOS unless 3V variant is used.
4. WAKE pin should be pulled to ground if DTE cannot provide DTR signal
5. TXSELECT, RXSELECT, SIGNAL, RXR, CTS can be connected to LEDs via 1kΩ series resistors
2.2 RADIO PACKET MODEM RESET
RESET
The Reset signal is internally pulled up to Vcc via a 10k
Ω resistor. A reset aborts any transfers in
progress and restarts the RPM3.
HOST DRIVEN RESET
Minimum low time: 1.0
µs, after reset is released (returned high). The host should allow a delay
1ms after reset for the RPM3 to initialise itself.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com