Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPM3-914-17-RPS Datasheet(PDF) 1 Page - Radiometrix Ltd

Part # RPM3-914-17-RPS
Description  UHF Radio Packet Modem
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

RPM3-914-17-RPS Datasheet(HTML) 1 Page - Radiometrix Ltd

  RPM3-914-17-RPS Datasheet HTML 1Page - Radiometrix Ltd RPM3-914-17-RPS Datasheet HTML 2Page - Radiometrix Ltd RPM3-914-17-RPS Datasheet HTML 3Page - Radiometrix Ltd RPM3-914-17-RPS Datasheet HTML 4Page - Radiometrix Ltd RPM3-914-17-RPS Datasheet HTML 5Page - Radiometrix Ltd RPM3-914-17-RPS Datasheet HTML 6Page - Radiometrix Ltd RPM3-914-17-RPS Datasheet HTML 7Page - Radiometrix Ltd RPM3-914-17-RPS Datasheet HTML 8Page - Radiometrix Ltd RPM3-914-17-RPS Datasheet HTML 9Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Radiometrix Ltd.
UHF FM Radio Packet Modem
page 1
The UHF Radio Packet Modem (RPM3) is a low cost intelligent radio packet modem
that enables a two way radio network/link to be simply implemented between a
number of digital devices. The RPM3 uses addressable data packets with error
checking, packet acknowledgements and retransmissions to achieve a reliable
transparent wireless data link. Built for ease of use and rapid installation, the serial
interface ensures direct connection to microprocessors or to RS232 port via RS232
driver while remote configuration enables post installation setup of the modem.
Features
Addressable point
Addressable point
Addressable point
Addressable point----to
to
to
to----point
point
point
point
Point
Point
Point
Point----to
to
to
to----Multipoint and broadcast modes
Multipoint and broadcast modes
Multipoint and broadcast modes
Multipoint and broadcast modes
Inverted RS232 interface at 5V or 3VCMOS level
Inverted RS232 interface at 5V or 3VCMOS level
Inverted RS232 interface at 5V or 3VCMOS level
Inverted RS232 interface at 5V or 3VCMOS level
DTE speed 600
DTE speed 600
DTE speed 600
DTE speed 600----115200bps
115200bps
115200bps
115200bps
Overall throughput:
Overall throughput:
Overall throughput:
Overall throughput:
17kbps with
17kbps with
17kbps with
17kbps with ACK
ACK
ACK
ACK
28kbps without ACK
28kbps without ACK
28kbps without ACK
28kbps without ACK
Single 5V or 3V supply
Single 5V or 3V supply
Single 5V or 3V supply
Single 5V or 3V supply
15mA during data streaming at maximum rate
15mA during data streaming at maximum rate
15mA during data streaming at maximum rate
15mA during data streaming at maximum rate
Flow control
Flow control
Flow control
Flow control –––– Hardware (CTS), None
Hardware (CTS), None
Hardware (CTS), None
Hardware (CTS), None
Available in 869.85MHz (EU), 914.50MHz (North America)
Available in 869.85MHz (EU), 914.50MHz (North America)
Available in 869.85MHz (EU), 914.50MHz (North America)
Available in 869.85MHz (EU), 914.50MHz (North America)
Usable range up to 200m (650ft.)
Usable range up to 200m (650ft.)
Usable range up to 200m (650ft.)
Usable range up to 200m (650ft.)
No Duty Cycle Restrictio
No Duty Cycle Restrictio
No Duty Cycle Restrictio
No Duty Cycle Restrictionnnn
Built
Built
Built
Built----in command line configuration
in command line configuration
in command line configuration
in command line configuration
Built
Built
Built
Built----in RF link diagnostics
in RF link diagnostics
in RF link diagnostics
in RF link diagnostics
Remote over
Remote over
Remote over
Remote over----air unit configuration
air unit configuration
air unit configuration
air unit configuration
Low operating current, Auto standby mode
Low operating current, Auto standby mode
Low operating current, Auto standby mode
Low operating current, Auto standby mode
Conforms to European ETSI EN 300 220
Conforms to European ETSI EN 300 220
Conforms to European ETSI EN 300 220
Conforms to European ETSI EN 300 220----3 and EN 301 489
3 and EN 301 489
3 and EN 301 489
3 and EN 301 489----3333
Conforms to FCC Part 15.249
Conforms to FCC Part 15.249
Conforms to FCC Part 15.249
Conforms to FCC Part 15.249
Dimensions: 3
Dimensions: 3
Dimensions: 3
Dimensions: 39mm X 23mm X 10mm
9mm X 23mm X 10mm
9mm X 23mm X 10mm
9mm X 23mm X 10mm
Applications
Telemetry and telecontrol
Telemetry and telecontrol
Telemetry and telecontrol
Telemetry and telecontrol
EPOS equipment, barcode scanners, belt clip printers, stock control, job allocation
EPOS equipment, barcode scanners, belt clip printers, stock control, job allocation
EPOS equipment, barcode scanners, belt clip printers, stock control, job allocation
EPOS equipment, barcode scanners, belt clip printers, stock control, job allocation
Remote data acquisition system, data loggers
Remote data acquisition system, data loggers
Remote data acquisition system, data loggers
Remote data acquisition system, data loggers
In
In
In
In----building, environmental monitoring and control systems
building, environmental monitoring and control systems
building, environmental monitoring and control systems
building, environmental monitoring and control systems
HHHHigh
igh
igh
igh----end security and alarm signalling
end security and alarm signalling
end security and alarm signalling
end security and alarm signalling
Automated Monitoring and Control Systems
Automated Monitoring and Control Systems
Automated Monitoring and Control Systems
Automated Monitoring and Control Systems
Fleet management, vehicle data acquisition
Fleet management, vehicle data acquisition
Fleet management, vehicle data acquisition
Fleet management, vehicle data acquisition
UHF Radio Packet Modem
Radiometrix
Hartcran House, 231 Kenton Lane, Harrow, HA3 8RP, England
16 May 2006
RPM3
NE
W
Tel: +44 (0) 20 8909 9595, Fax: +44 (0) 20 8909 2233
Figure 1: RPM3-914-17


Similar Part No. - RPM3-914-17-RPS

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPM3.3-1.0 RECOM-RPM3.3-1.0 Datasheet
1Mb / 8P
1 Amp Single Output
RPM3.3-1.0-EVM-1 RECOM-RPM3.3-1.0-EVM-1 Datasheet
1Mb / 6P
Easy evaluation of trimming, sequencing, soft start, enable and sensing functions
RPM3.3-2.0 RECOM-RPM3.3-2.0 Datasheet
1Mb / 8P
2 Amp Single Output
RPM3.3-2.0-EVM-1 RECOM-RPM3.3-2.0-EVM-1 Datasheet
1Mb / 6P
Easy evaluation of trimming, sequencing, soft start, enable and sensing functions
RPM3.3-3.0 RECOM-RPM3.3-3.0 Datasheet
1Mb / 8P
3 Amp Single Output
More results

Similar Description - RPM3-914-17-RPS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDH2 ETC2-TDH2 Datasheet
350Kb / 11P
UHF Multi Channel Hi Power Radio Modem
logo
Radiometrix Ltd
RPC2A RADIOMETRIX-RPC2A Datasheet
898Kb / 27P
UHF Radio Packet Controller
RPM1 RADIOMETRIX-RPM1 Datasheet
640Kb / 15P
VHF Radio Packet Modem
RPM2A RADIOMETRIX-RPM2A Datasheet
445Kb / 15P
UHF Radio Packet Modem
M48-434-NIM2 RADIOMETRIX-M48-434-NIM2 Datasheet
367Kb / 11P
UHF NBFM RS232 radio modem
RPM2A RADIOMETRIX-RPM2A_12 Datasheet
705Kb / 15P
UHF Radio Packet Modem
RPM3B RADIOMETRIX-RPM3B Datasheet
1,002Kb / 15P
UHF Radio Packet Modem
TDM2-433-9 RADIOMETRIX-TDM2-433-9 Datasheet
204Kb / 7P
UHF Multi Channel Radio Modem
M48-869-FPX3 RADIOMETRIX-M48-869-FPX3 Datasheet
311Kb / 11P
400mW UHF multi channel RS232 radio modem
M48-458-TR2I RADIOMETRIX-M48-458-TR2I Datasheet
310Kb / 11P
500mW UHF NBFM multi channel radio modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com