Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPM3-914-17-RPS Datasheet(PDF) 3 Page - Radiometrix Ltd

Part # RPM3-914-17-RPS
Description  UHF Radio Packet Modem
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

RPM3-914-17-RPS Datasheet(HTML) 3 Page - Radiometrix Ltd

  RPM3-914-17-RPS Datasheet HTML 1Page - Radiometrix Ltd RPM3-914-17-RPS Datasheet HTML 2Page - Radiometrix Ltd RPM3-914-17-RPS Datasheet HTML 3Page - Radiometrix Ltd RPM3-914-17-RPS Datasheet HTML 4Page - Radiometrix Ltd RPM3-914-17-RPS Datasheet HTML 5Page - Radiometrix Ltd RPM3-914-17-RPS Datasheet HTML 6Page - Radiometrix Ltd RPM3-914-17-RPS Datasheet HTML 7Page - Radiometrix Ltd RPM3-914-17-RPS Datasheet HTML 8Page - Radiometrix Ltd RPM3-914-17-RPS Datasheet HTML 9Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Radiometrix Ltd.
UHF FM Radio Packet Modem
page 3
1.1 OPERATING STATES
The RADIO PACKET MODEM has three normal operating states:
• SHUTDOWN
• STANDBY
• CONNECTED
SHUTDOWN
The SHUTDOWN state is entered by asserting the WAKE/DTR input pin high (Vcc). It effectively
forces the RPM3 into a suspended state. Communications cannot be made with the RPM3 in this
state. WAKE/DTR pin should be pulled Low by host or connected to 0V to Enable the RPM3.
STANDBY
Immediately after power up and during normal operation, the RPM3 will automatically enter
standby mode where it is waiting for a connection request from a remote RPM3 module.
While in this mode a remote connection request can be received which will place the RPM3 into a
connected state allowing it to then start receiving data from the remote unit. The connected host
device can also send data to the RPM3 via the serial interface which will force the module to send
a connection request to the remote RPM3 module, thus effectively setting up a logical connection
between two units and allowing data to be transferred.
CONNECTED
On receipt of a connection request from a remote unit, the RPM3 immediately enters a connected
state. This effectively allows the RPM3 modems to start sending and receiving data.
In-coming data is sent to the host via the serial port in the same form as it was given to the
remote RPM3 module.
Figure 4: RPM3 transmitting data at 28kbps during ZMODEM file transfer to a remote RPM3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com