Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTJ3LQLPRO Datasheet(PDF) 4 Page - Clarke International

Part # CTJ3LQLPRO
Description  INTELLIGENT BATTERY CHARGER-STARTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CTJ3LQLPRO Datasheet(HTML) 4 Page - Clarke International

  CTJ3LQLPRO Datasheet HTML 1Page - Clarke International CTJ3LQLPRO Datasheet HTML 2Page - Clarke International CTJ3LQLPRO Datasheet HTML 3Page - Clarke International CTJ3LQLPRO Datasheet HTML 4Page - Clarke International CTJ3LQLPRO Datasheet HTML 5Page - Clarke International CTJ3LQLPRO Datasheet HTML 6Page - Clarke International CTJ3LQLPRO Datasheet HTML 7Page - Clarke International CTJ3LQLPRO Datasheet HTML 8Page - Clarke International CTJ3LQLPRO Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
ELECTRICAL CONNECTIONS
Connect the three core mains cable to a suitable industrial supply isolator, or
heavy duty plug meeting the requirements of BS EN 60309. This charger must
be connected to a supply having a rated capacity of greater than 16 Amps.
A normal 13 Amp (BS1363) plug must NOT be used.
NOTE: The maximum input current for this unit is 47 amps.
WARNING: THIS APPLIANCE MUST BE EARTHED.
IMPORTANT: The wires in this mains lead are coloured in accordance with
the following code:
GREEN AND YELLOW
-
EARTH (E)
BLUE
-
NEUTRAL (N)
BROWN
-
LIVE (L)
As the colours of the flexible cord of this appliance may not correspond with
the coloured markings identifying terminals, proceed as follows:
• Connect GREEN AND YELLOW coloured cord to terminal marked letter
“E” or Earth Symbol
or coloured Green and Yellow.
• Connect BROWN cord to terminal marked letter ‘L’ or coloured Red.
• Connect BLUE cord to terminal marked letter “N’ or coloured Black.
WARNING: READ THE ELECTRICAL SAFETY INSTRUCTIONS THOROUGHLY.
WARNING: A 13 AMP (BS1363) PLUG IS NOT SUITABLE.
WARNING: THIS APPLIANCE MUST BE EARTHED.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com