Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTJ3LQLPRO Datasheet(PDF) 9 Page - Clarke International

Part # CTJ3LQLPRO
Description  INTELLIGENT BATTERY CHARGER-STARTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CTJ3LQLPRO Datasheet(HTML) 9 Page - Clarke International

Back Button CTJ3LQLPRO Datasheet HTML 5Page - Clarke International CTJ3LQLPRO Datasheet HTML 6Page - Clarke International CTJ3LQLPRO Datasheet HTML 7Page - Clarke International CTJ3LQLPRO Datasheet HTML 8Page - Clarke International CTJ3LQLPRO Datasheet HTML 9Page - Clarke International CTJ3LQLPRO Datasheet HTML 10Page - Clarke International CTJ3LQLPRO Datasheet HTML 11Page - Clarke International CTJ3LQLPRO Datasheet HTML 12Page - Clarke International CTJ3LQLPRO Datasheet HTML 13Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
DISPLAY & CONTROL PANEL
DISPLAY BUTTON
Press the DISPLAY button until the following LED is lit:
1. VOLTAGE (V) - When the charger is NOT charging a battery, the digital
display will show the battery voltage.
2. BATTERY (%) - When in charging, the digital display shows an estimated
charge percentage of the battery connected to the charger s battery
clamps.
3. ALTERNATOR (%) - The digital display shows an estimated output
percentage of the vehicle’s charging system connected to the chargers’s
battery clamps, compared to a properly functioning system.
BATTERY TYPE, RATE SELECTION & FUNCTION BUTTONS
1. Press the BATTERY TYPE button to choose the type of battery to be charged:
STD, GEL or AGM
2. Press the RATE SELECTION button to choose the charging current required:
10A, 20A, 35A or 50A.
3. Then press the FUNCTION button until the CHARGING LED is lit (digital
display will show CHARGE-ON).
When in charging mode, pressing the BATTERY TYPE button will not work. To stop
charging, press FUNCTION button again and CHARGING LED will turn off (digital
display will show CHARGE-OFF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com