Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTJ3LQLPRO Datasheet(PDF) 13 Page - Clarke International

Part # CTJ3LQLPRO
Description  INTELLIGENT BATTERY CHARGER-STARTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CTJ3LQLPRO Datasheet(HTML) 13 Page - Clarke International

Back Button CTJ3LQLPRO Datasheet HTML 9Page - Clarke International CTJ3LQLPRO Datasheet HTML 10Page - Clarke International CTJ3LQLPRO Datasheet HTML 11Page - Clarke International CTJ3LQLPRO Datasheet HTML 12Page - Clarke International CTJ3LQLPRO Datasheet HTML 13Page - Clarke International CTJ3LQLPRO Datasheet HTML 14Page - Clarke International CTJ3LQLPRO Datasheet HTML 15Page - Clarke International CTJ3LQLPRO Datasheet HTML 16Page - Clarke International CTJ3LQLPRO Datasheet HTML 17Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
STARTING A CAR - BOOST
The battery charger can be used to start a car if the battery is low. Follow all
safety instructions and precautions for charging your battery. Wear eye
protection and protective clothing. The procedures are as follows:
1. Connect the charger to the battery following the instructions given on
page 10.
2. Press the FUNCTION button until the START LED is lit.
3. Turn on the vehicles ignition until it starts or 3 seconds have passed. If the
engine does not start, wait 4 minutes before trying again. This allows the
charger and battery to cool down.
4. If the engine fails to start, use the CHARGE maximum rate (50A) to charge
for some minutes before trying to attempt to start the engine again.
5. After the engine has started, disconnecting the battery charger clamps
from the battery/vehicle.
During the starting sequences listed above, the charger is set to one of three
states:
1. START-READY: The charger waits until the engines ignition is activated
before delivering the amps for the engine start.
2. CRANKING: When the ignition is detected, the charger will automatically
deliver up to its maximum output as required by the starting system for up
to 5 seconds.
3. COOL DOWN: After ignition, the charger enters a mandatory 240 seconds
cool down state (Pressing any button will not work). The digital display
indicates the remaining cool down time in seconds. It starts at 240 and
counts down to 0. After 240 seconds, the digital display will change from
displaying the countdown to displaying START-READY.
WARNING: USING THE ENGINE START FEATURE WITHOUT A BATTERY
INSTALLED IN THE VEHICLE WILL DAMAGE THE VEHICLES ELECTRICAL
SYSTEM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com