Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTJ3LQLPRO Datasheet(PDF) 16 Page - Clarke International

Part # CTJ3LQLPRO
Description  INTELLIGENT BATTERY CHARGER-STARTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CTJ3LQLPRO Datasheet(HTML) 16 Page - Clarke International

Back Button CTJ3LQLPRO Datasheet HTML 12Page - Clarke International CTJ3LQLPRO Datasheet HTML 13Page - Clarke International CTJ3LQLPRO Datasheet HTML 14Page - Clarke International CTJ3LQLPRO Datasheet HTML 15Page - Clarke International CTJ3LQLPRO Datasheet HTML 16Page - Clarke International CTJ3LQLPRO Datasheet HTML 17Page - Clarke International CTJ3LQLPRO Datasheet HTML 18Page - Clarke International CTJ3LQLPRO Datasheet HTML 19Page - Clarke International CTJ3LQLPRO Datasheet HTML 20Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
16
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
FUSES
1. The starter/charger is equipped with a safety fuse which will protect the
unit under the following circumstances:
• Overload - too high a current to the battery.
• Short Circuit - clamps touch or cross connection to battery.
• Prolonged starting attempts.
REPLACING THE FUSE
The fuse fitted is rated at 50A and is
fitted behind the clip-on cover on the
rear of the charger for easy
replacement.
1. Isolate the mains power to the
charger.
2. Allow the unit to cool down and
establish the reason for the failure
and correct.
3. Pull off the fuse cover before
unscrewing the nuts to remove the fuse. Replace only with an identical
fuse and with the same rating, as supplied with your charger.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com