Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTJ3LQLPRO Datasheet(PDF) 7 Page - Clarke International

Part # CTJ3LQLPRO
Description  INTELLIGENT BATTERY CHARGER-STARTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CTJ3LQLPRO Datasheet(HTML) 7 Page - Clarke International

Back Button CTJ3LQLPRO Datasheet HTML 3Page - Clarke International CTJ3LQLPRO Datasheet HTML 4Page - Clarke International CTJ3LQLPRO Datasheet HTML 5Page - Clarke International CTJ3LQLPRO Datasheet HTML 6Page - Clarke International CTJ3LQLPRO Datasheet HTML 7Page - Clarke International CTJ3LQLPRO Datasheet HTML 8Page - Clarke International CTJ3LQLPRO Datasheet HTML 9Page - Clarke International CTJ3LQLPRO Datasheet HTML 10Page - Clarke International CTJ3LQLPRO Datasheet HTML 11Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
SAFETY PRECAUTIONS
PLEASE READ BEFORE USING THIS UNIT
1. Batteries can generate explosive gases during normal operation. ALWAYS
use in well ventilated area.
2. DO NOT smoke, strike a match or cause a spark in the vicinity of the battery
or engine. Avoid explosive gas, flames and sparks.
3. Remove all personal jewellery, such as rings, bracelets, necklaces and
watches while working with a vehicle battery. These items may produce a
short circuit and could cause severe burns.
4. Be extra cautious to reduce the risk of dropping a metal tool onto the
battery. It may spark or short circuit the battery or other electrical
hardware which may cause an explosion or fire.
5. Wear complete eye, hand and clothing protection. AVOID touching eyes
while working on or near a battery.
6. Study all battery manufacturers specific precautions, such as removing or
not removing cell caps while charging and recommended rates of
charge.
7. Clean battery terminals before connection with the charger. Be careful to
keep corrosion from coming in to contact with eyes.
8. When it is necessary to remove the battery from the vehicle to charge,
always remove the grounded terminal from the battery first. Make sure all
accessories in the vehicle are switched off in order to prevent an arc.
9. This charger is NOT intended to supply power to an extra low voltage
electrical system or to charge dry cell batteries. Charging dry cell batteries
may cause the battery to burst and cause injury to person or property.
10. NEVER charge a frozen, damaged, leaking or non rechargeable battery.
11. If battery electrolyte contacts skin or clothing, wash immediately with soap
and water. If electrolyte enters your eye, immediately flood eye with
running clean cold water for at least 15 minutes and seek medical
attention immediately.
12. DO NOT place the charger in the engine compartment, near moving parts
or near the battery. Place as far away from them as the cables permit.
WARNING: ALWAYS SWITCH OFF THE CHARGER WHEN CONNECTING OR
DISCONNECTING LEADS TO AVOID SPARKING AS HIGHLY INFLAMMABLE
HYDROGEN GAS CAN BE RELEASED IN THE PROCESS OF BATTERY
CHARGING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com