Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTJ3LQLPRO Datasheet(PDF) 15 Page - Clarke International

Part # CTJ3LQLPRO
Description  INTELLIGENT BATTERY CHARGER-STARTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CTJ3LQLPRO Datasheet(HTML) 15 Page - Clarke International

Back Button CTJ3LQLPRO Datasheet HTML 11Page - Clarke International CTJ3LQLPRO Datasheet HTML 12Page - Clarke International CTJ3LQLPRO Datasheet HTML 13Page - Clarke International CTJ3LQLPRO Datasheet HTML 14Page - Clarke International CTJ3LQLPRO Datasheet HTML 15Page - Clarke International CTJ3LQLPRO Datasheet HTML 16Page - Clarke International CTJ3LQLPRO Datasheet HTML 17Page - Clarke International CTJ3LQLPRO Datasheet HTML 18Page - Clarke International CTJ3LQLPRO Datasheet HTML 19Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
15
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
CHARGING TIME DURATION
Different battery capacity, residual voltage and charging current will all affect
charging time. The following table is for guidance in the case of a fully
discharged battery.
Battery
Size - Ah
Approx. Time to Charge
12V
24V
5A
10A
20A
5A
10A
20A
10
2h
1h
33mins
2h
1h
33mins
20
4h
2h
1h
4h
2h
1h
40
8h
4h
2h
8.5h
8.5h
2h
80
17h
9h
4h
17h
9h
5h
160
33h
17h
8h
33h
17h
9h
320
65h
33h
17h
65h
33h
17h
550
111h
56h
26.5h
81h
56h
28.5h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com