Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTJ3LQLPRO Datasheet(PDF) 10 Page - Clarke International

Part # CTJ3LQLPRO
Description  INTELLIGENT BATTERY CHARGER-STARTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CTJ3LQLPRO Datasheet(HTML) 10 Page - Clarke International

Back Button CTJ3LQLPRO Datasheet HTML 6Page - Clarke International CTJ3LQLPRO Datasheet HTML 7Page - Clarke International CTJ3LQLPRO Datasheet HTML 8Page - Clarke International CTJ3LQLPRO Datasheet HTML 9Page - Clarke International CTJ3LQLPRO Datasheet HTML 10Page - Clarke International CTJ3LQLPRO Datasheet HTML 11Page - Clarke International CTJ3LQLPRO Datasheet HTML 12Page - Clarke International CTJ3LQLPRO Datasheet HTML 13Page - Clarke International CTJ3LQLPRO Datasheet HTML 14Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
GENERAL PREPARATION
CHARGER LOCATION
1. Place the charger as far away from the car battery as possible.
2. DO NOT let battery acid drip on anything when reading specific gravity or
when topping up the battery.
3. DO NOT operate the charger in an enclosed space, such as inside the
vehicle. NEVER cover the battery charger when in use.
4. DO NOT stand the battery on top of the charger.
5. ALWAYS stand the battery charger on a firm, level floor.
6. During charging, make sure that the area around the battery has good
ventilation.
OPERATING INSTRUCTIONS
Before charging, make sure the capacity of the battery to be charged is not
lower than 4Ah. On the rear of the charger you will find separate connectors
for 12V and 24V batteries making sure the correct cable is connected to the
appropriate battery.
CONNECTING TO A BATTERY INSTALLED IN THE VEHICLE
1. Arrange the leads carefully to reduce the risk of damage caused by sharp
edges.
2. Identify the voltage of the battery to be charged (12v or 24v) and attach
the POSITIVE (RED) lead to the appropriate terminal on the rear of the
charger.
3. Identify the polarity of the battery posts. The positive battery terminal is
typically marked by the letters/symbols: POS, P or +. The negative battery
terminal is typically marked by the letters/symbols: NEG, N or -.
4. DO NOT make any connections to the carburetor, fuel lines or thin metal
parts.
5. Consult the vehicle manual to confirm if the vehicle has a Negative or
Positive earth.
• For negative earth vehicles, connect the POSITIVE (RED) lead and clamp
from the battery charger to the POSITIVE terminal on the battery. Then
connect the NEGATIVE (BLACK) lead and clamp to the vehicle frame or
engine block away from the battery.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com