Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58CR032C Datasheet(PDF) 16 Page - STMicroelectronics

Part # M58CR032C
Description  32 Mbit 2Mb x 16, Dual Bank, Burst 1.8V Supply Flash Memory
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58CR032C Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M58CR032C Datasheet HTML 12Page - STMicroelectronics M58CR032C Datasheet HTML 13Page - STMicroelectronics M58CR032C Datasheet HTML 14Page - STMicroelectronics M58CR032C Datasheet HTML 15Page - STMicroelectronics M58CR032C Datasheet HTML 16Page - STMicroelectronics M58CR032C Datasheet HTML 17Page - STMicroelectronics M58CR032C Datasheet HTML 18Page - STMicroelectronics M58CR032C Datasheet HTML 19Page - STMicroelectronics M58CR032C Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 63 page
background image
M58CR032C, M58CR032D
16/63
be asserted only once during a continuous burst
access. See also Table 5, Burst Type Definition.
M14, M9, M5 and M4 are reserved for future use.
Table 4. Burst Configuration Register
Bit
Description
Value
Description
M15
Read Select
0
Synchronous Burst Read
1
Asynchronous Page Read (Default at power-on)
M14
Reserved
M13-M11
X-Latency (2)
010
2 clock latency
011
3 clock latency
100
4 clock latency
101
5 clock latency
111
Reserved
Other configurations reserved
M10
Power-Down (3)
0
Power-Down disabled
1
Power-Down enabled
M9
Reserved
M8
Wait
0
WAIT is active during wait state
1
WAIT is active one data cycle before wait state (default)
M7
Burst Type
0
Interleaved
1
Sequential (default)
M6
Valid Clock Edge
0
Falling Burst Clock edge
1
Rising Burst Clock edge
M5-M4
Reserved
M3
Wrapping
0
Wrap
1
No wrap
M2-M0
Burst Length
001
4 words
010
8 words
111
Continuous (M7 must be set to ‘1’)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com