Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58CR032C Datasheet(PDF) 44 Page - STMicroelectronics

Part # M58CR032C
Description  32 Mbit 2Mb x 16, Dual Bank, Burst 1.8V Supply Flash Memory
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58CR032C Datasheet(HTML) 44 Page - STMicroelectronics

Back Button M58CR032C Datasheet HTML 40Page - STMicroelectronics M58CR032C Datasheet HTML 41Page - STMicroelectronics M58CR032C Datasheet HTML 42Page - STMicroelectronics M58CR032C Datasheet HTML 43Page - STMicroelectronics M58CR032C Datasheet HTML 44Page - STMicroelectronics M58CR032C Datasheet HTML 45Page - STMicroelectronics M58CR032C Datasheet HTML 46Page - STMicroelectronics M58CR032C Datasheet HTML 47Page - STMicroelectronics M58CR032C Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 63 page
background image
M58CR032C, M58CR032D
44/63
Figure 16. Reset and Power-up AC Waveforms
Table 25. Reset and Power-up AC Characteristics
Note: 1. The device Reset is possible but not guaranteed if tPLPH < 100ns.
2. Sampled only, not 100% tested.
3. It is important to assert RP in order to allow proper CPU initialization during Power-up or System reset.
Symbol
Parameter
Test Condition
Min
Unit
tPLPH
(1,2)
RP Pulse Width
50
ns
tPLWL
tPLEL
tPLGL
Reset Low to Device Enabled
During Program and Erase
10/20
µs
Other Conditions
80
ns
tVDHPH
(3)
Supply Valid to Reset High
50
µs
AI90013b
W,
RP
E, G
VDD, VDDQ
tVDHPH
tPLWL
tPLEL
tPLGL
tPLPH
Power-Up
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com