Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58CR032C Datasheet(PDF) 20 Page - STMicroelectronics

Part # M58CR032C
Description  32 Mbit 2Mb x 16, Dual Bank, Burst 1.8V Supply Flash Memory
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58CR032C Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M58CR032C Datasheet HTML 16Page - STMicroelectronics M58CR032C Datasheet HTML 17Page - STMicroelectronics M58CR032C Datasheet HTML 18Page - STMicroelectronics M58CR032C Datasheet HTML 19Page - STMicroelectronics M58CR032C Datasheet HTML 20Page - STMicroelectronics M58CR032C Datasheet HTML 21Page - STMicroelectronics M58CR032C Datasheet HTML 22Page - STMicroelectronics M58CR032C Datasheet HTML 23Page - STMicroelectronics M58CR032C Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 63 page
background image
M58CR032C, M58CR032D
20/63
gram/Erase Controller does it automatically before
erasing.
Two Bus Write cycles are required to issue the
command.
s
The first bus cycle sets up the Erase command.
s
The second latches the block address in the
internal state machine and starts the Program/
Erase Controller.
If the second bus cycle is not Write Erase Confirm
(D0h), Status Register bits b4 and b5 are set and
the command aborts. Erase aborts if Reset turns
to VIL. As data integrity cannot be guaranteed
when the Erase operation is aborted, the block
must be erased again.
Once the command is issued the device outputs
the Status Register data when any address within
the bank is read. At the end of the operation the
bank will remain in Read Status Register until a
Read command is issued.
During Erase operations the bank containing the
block being erased will only accept the Read Sta-
tus Register command and the Program/Erase
Suspend command, all other commands will be ig-
nored. Typical Erase times are given in Table 12,
Program, Erase Times and Program/Erase Endur-
ance Cycles.
See Appendix B, Figure 22, Block Erase Flowchart
and Pseudo Code, for a suggested flowchart for
using the Block Erase command.
Bank Erase Command
The Bank Erase command can be used to erase a
bank. It sets all the bits within the selected bank to
’1’. All previous data in the bank is lost. The Bank
Erase command will ignore any protected blocks
within the bank. If the bank is protected then the
Erase operation will abort, the data in the bank will
not be changed and the Status Register will output
the error.
Two Bus Write cycles are required to issue the
command.
s
The first bus cycle sets up the Bank Erase
command.
s
The second latches the bank address in the
internal state machine and starts the Program/
Erase Controller.
If the second bus cycle is not Write Bank Erase
Confirm (D0h), Status Register bits b4 and b5 are
set and the command aborts. Erase aborts if Re-
set turns to VIL. As data integrity cannot be guar-
anteed when the Erase operation is aborted, the
bank must be erased again.
Once the command is issued the device outputs
the Status Register data when any address within
the bank is read. At the end of the operation the
bank will remain in Read Status Register until a
Read command is issued.
During Erase operations the bank being erased
will only accept the Read Status Register com-
mand and the Program/Erase Suspend command,
all other commands will be ignored. Typical Erase
times are given in Table 12, Program, Erase
Times and Program/Erase Endurance Cycles.
Program Command
The memory array can be programmed word-by-
word. Only one bank can be programmed at any
one time. The other bank must be in Read mode
or Erase Suspend. Two bus write cycles are re-
quired to issue the Program Command.
s
The first bus cycle sets up the Program
command.
s
The second latches the Address and the Data to
be written and starts the Program/Erase
Controller.
After programming has started, Read operations
in the bank being programmed output the Status
Register content.
During Program operations the bank being pro-
grammed will only accept the Read Status Regis-
ter command and the Program/Erase Suspend
command. Typical Program times are given in Ta-
ble 12, Program, Erase Times and Program/Erase
Endurance Cycles.
Programming aborts if Reset goes to VIL. As data
integrity cannot be guaranteed when the program
operation is aborted, the block containing the
memory location must be erased and repro-
grammed.
See Appendix B, Figure 18, Program Flowchart
and Pseudo Code, for the flowchart for using the
Program command.
Double Word Program Command
This feature is offered to improve the programming
throughput, writing a page of two adjacent words
in parallel. The two words must differ only for the
address A0. Only one bank can be programmed at
any one time. The other bank must be in Read
mode or Erase Suspend.
Programming should not be attempted when VPP
is not at VPPH. The command can be executed if
VPP is below VPPH but the result is not guaranteed.
Three bus write cycles are necessary to issue the
Double Word Program command.
s
The first bus cycle sets up the Double Word
Program Command.
s
The second bus cycle latches the Address and
the Data of the first word to be written.
s
The third bus cycle latches the Address and the
Data of the second word to be written and starts
the Program/Erase Controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com