Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58CR032C Datasheet(PDF) 45 Page - STMicroelectronics

Part # M58CR032C
Description  32 Mbit 2Mb x 16, Dual Bank, Burst 1.8V Supply Flash Memory
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58CR032C Datasheet(HTML) 45 Page - STMicroelectronics

Back Button M58CR032C Datasheet HTML 41Page - STMicroelectronics M58CR032C Datasheet HTML 42Page - STMicroelectronics M58CR032C Datasheet HTML 43Page - STMicroelectronics M58CR032C Datasheet HTML 44Page - STMicroelectronics M58CR032C Datasheet HTML 45Page - STMicroelectronics M58CR032C Datasheet HTML 46Page - STMicroelectronics M58CR032C Datasheet HTML 47Page - STMicroelectronics M58CR032C Datasheet HTML 48Page - STMicroelectronics M58CR032C Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 63 page
background image
45/63
M58CR032C, M58CR032D
PACKAGE MECHANICAL
Figure 17. TFBGA56 6.5x10mm - 8x7 ball array, 0.75 mm pitch, Bottom View Package Outline
Note: Drawing is not to scale.
Table 26. TFBGA56 6.5x10mm - 8x7 ball array, 0.75 mm pitch, Package Mechanical Data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
1.010
1.200
0.0398
0.0472
A1
0.250
0.400
0.0098
0.0157
A2
0.790
0.0311
b
0.400
0.350
0.450
0.0157
0.0138
0.0177
D
6.500
6.400
6.600
0.2559
0.2520
0.2598
D1
5.250
–
–
0.2067
–
–
ddd
0.100
0.0039
E
10.000
9.900
10.100
0.3937
0.3898
0.3976
E1
4.500
–
–
0.1772
–
–
e
0.750
–
–
0.0295
–
–
FD
0.625
–
–
0.0246
–
–
FE
2.750
–
–
0.1083
–
–
SD
0.375
–
–
0.0148
–
–
E1
E
D1
D
A2
A1
A
BGA-Z20
ddd
e
e
SD
b
FE
FD
BALL "A1"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com