Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58CR032C Datasheet(PDF) 26 Page - STMicroelectronics

Part # M58CR032C
Description  32 Mbit 2Mb x 16, Dual Bank, Burst 1.8V Supply Flash Memory
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58CR032C Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M58CR032C Datasheet HTML 22Page - STMicroelectronics M58CR032C Datasheet HTML 23Page - STMicroelectronics M58CR032C Datasheet HTML 24Page - STMicroelectronics M58CR032C Datasheet HTML 25Page - STMicroelectronics M58CR032C Datasheet HTML 26Page - STMicroelectronics M58CR032C Datasheet HTML 27Page - STMicroelectronics M58CR032C Datasheet HTML 28Page - STMicroelectronics M58CR032C Datasheet HTML 29Page - STMicroelectronics M58CR032C Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 63 page
background image
M58CR032C, M58CR032D
26/63
Table 12. Program, Erase Times and Program, Erase Endurance Cycles
Note: 1. TA = –40 to 85°C; VDD = 1.65V to 2V; VDDQ = 1.65V to 3.3V.
2. The difference between Preprogrammed and not preprogrammed is not significant (‹30ms).
3. Excludes the time needed to execute the command sequence.
Parameter
Condition
Min
Typ
Typical after
100k W/E
Cycles
Max
Unit
Parameter Block (4 KWord) Erase(2)
0.3
1
2.5
s
Main Block (32 KWord) Erase
Preprogrammed
0.8
3
4
s
Not Preprogrammed
1.1
4
s
Bank A (8Mbit) Erase
Preprogrammed
5.5
s
Not Preprogrammed
9
s
Bank B (24Mbit) Erase
Preprogrammed
16.5
s
Not Preprogrammed
27
s
Parameter Block (4 KWord) Program(3)
40
ms
Main Block (32 KWord) Program(3)
300
ms
Word Program (3)
10
10
100
µs
Program Suspend Latency
5
10
µs
Erase Suspend Latency
5
20
µs
Program/Erase Cycles (per Block)
Main Blocks
100,000
cycles
Parameter Blocks
100,000
cycles
Parameter Block (4 KWord) Erase
0.3
2.5
s
Main Block (32 KWord) Erase
0.9
4
s
Bank A (8Mbit) Erase
6.5
s
Bank B (24Mbit) Erase
19.5
s
4Mbit Program
Quadruple Word
510
ms
Word/ Double Word/ Quadruple Word Program(3)
8
100
µs
Parameter Block (4 KWord)
Program(3)
Quadruple Word
8
ms
Word
32
ms
Main Block (32 KWord) Program(3)
Quadruple Word
64
ms
Word
256
ms
Program/Erase Cycles (per Block)
Main Blocks
1000
cycles
Parameter Blocks
2500
cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com