Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58CR032C Datasheet(PDF) 47 Page - STMicroelectronics

Part # M58CR032C
Description  32 Mbit 2Mb x 16, Dual Bank, Burst 1.8V Supply Flash Memory
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58CR032C Datasheet(HTML) 47 Page - STMicroelectronics

Back Button M58CR032C Datasheet HTML 43Page - STMicroelectronics M58CR032C Datasheet HTML 44Page - STMicroelectronics M58CR032C Datasheet HTML 45Page - STMicroelectronics M58CR032C Datasheet HTML 46Page - STMicroelectronics M58CR032C Datasheet HTML 47Page - STMicroelectronics M58CR032C Datasheet HTML 48Page - STMicroelectronics M58CR032C Datasheet HTML 49Page - STMicroelectronics M58CR032C Datasheet HTML 50Page - STMicroelectronics M58CR032C Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 63 page
background image
47/63
M58CR032C, M58CR032D
REVISION HISTORY
Table 28. Document Revision History
Date
Version
Revision Details
April 2001
-01
First Issue
23-OCT-2001
-02
85ns speed class added, document classified as Preliminary Data
21-Mar-2002
-03
Document completely revised. Changes in CFI content, Program and Erase Times
Table and DC Characteristics Table
06-Sep-2002
3.1
Revision numbering modified: a minor revision will be indicated by incrementing the
digit after the dot, and a major revision, by incrementing the digit before the dot
(revision version 03 equals 3.0).
Latch Enable, L, logic level modified during Asynchronous Read/Write operations as
shown in Table 3, Bus Operations.
First X-Latency formula modified together with meaning of tAVK_CPU parameter in
formula (under Burst Configuration Register Paragraph).
Minimum VDD and VDDQ supply voltages reduced to 1.8V for 85ns class speed in
Table 17, Operating and AC Measurement Conditions.
‘Number of identical-size erase block’ parameters modified in Table 32, Device
Geometry Definition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com