Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WHASC Datasheet(PDF) 2 Page - Whirlpool.

Part # WHASC
Description  How to install, operate and maintain your Whirlpool® Anti-Scale System
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WHIRLPOOL [Whirlpool.]
Direct Link  https://www.whirlpool.com/
Logo WHIRLPOOL - Whirlpool.

WHASC Datasheet(HTML) 2 Page - Whirlpool.

  WHASC Datasheet HTML 1Page - Whirlpool. WHASC Datasheet HTML 2Page - Whirlpool. WHASC Datasheet HTML 3Page - Whirlpool. WHASC Datasheet HTML 4Page - Whirlpool. WHASC Datasheet HTML 5Page - Whirlpool. WHASC Datasheet HTML 6Page - Whirlpool. WHASC Datasheet HTML 7Page - Whirlpool. WHASC Datasheet HTML 8Page - Whirlpool. WHASC Datasheet HTML 9Page - Whirlpool. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Table of Contents, Specifications & Dimensions
TABLE OF CONTENTS
Page
Specifications & Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
Anti-Scale System Safety . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
Before You Start . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
Typical Installation Illustrations . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Installation Instructions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6-7
Adding Anti-Scale Media . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Repair Parts . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Warranty . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
*Canada working pressure limits: 1.4 - 7.0 kg/cm2.
3"
13-7/16"
10-1/8"
33-3/4"
29-3/4"
OUT
IN
IN - OUT
SIDE VIEW
FRONT VIEW
TOP VIEW
FIG. 1
TOP VIEW
SIDE VIEW
FRONT VIEW
33-3/4"
(86 cm)
29-3/4"
(75.5 cm)
3" (7.6 cm)
IN
OUT
IN - OUT
13-7/16"
(34 cm)
10-1/8"
(26 cm)
DIMENSIONS
Model
WHASC
SPECIFICATIONS
Model
WHASC
Nominal Mineral Tank
Size
8" dia. x 25" tall
(20.3 x 63.5 cm)
Amount of Anti-Scale
Media
3 lbs.
(1.36 kg)
Amount of HDPE
Pellets
3 lbs.
(1.36 kg)
Service Flow Rate
10 gpm
(37.9 l/min.)
Maximum Flow Rate
15 gpm
(56.8 l/min.)
Supply Water Pressure
Limits (min./max.)
20 - 125 psi
(1.4 - 8.8 kg/cm2)
*
Water Temperature
Limits (min./max.)
40 - 120 °F
(5 - 49 °C)
Questions? Call Toll Free 1-866-986-3223 or visit whirlpoolwatersolutions.com
When you call, please be prepared to provide the model and serial number,
located on the rating decal on back of the cover.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com