Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WHASC Datasheet(PDF) 5 Page - Whirlpool.

Part # WHASC
Description  How to install, operate and maintain your Whirlpool® Anti-Scale System
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WHIRLPOOL [Whirlpool.]
Direct Link  https://www.whirlpool.com/
Logo WHIRLPOOL - Whirlpool.

WHASC Datasheet(HTML) 5 Page - Whirlpool.

  WHASC Datasheet HTML 1Page - Whirlpool. WHASC Datasheet HTML 2Page - Whirlpool. WHASC Datasheet HTML 3Page - Whirlpool. WHASC Datasheet HTML 4Page - Whirlpool. WHASC Datasheet HTML 5Page - Whirlpool. WHASC Datasheet HTML 6Page - Whirlpool. WHASC Datasheet HTML 7Page - Whirlpool. WHASC Datasheet HTML 8Page - Whirlpool. WHASC Datasheet HTML 9Page - Whirlpool. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Typical Installation Illustrations
FIG. 5
BYPASS VALVE OPERATION
BYPASS
(water flows to house plumbing without
going through Anti-Scale System)
SERVICE
(water flows through Anti-Scale
System, and then to house plumbing)
FIG. 4
FIG. 3
Model WHASC
INSTALLATION USING 3-VALVE BYPASS
MAIN WATER
PIPE
MAIN WATER
PIPE
Model WHASC
INSTALLATION USING INCLUDED BYPASS VALVE
Untreated
Water IN
Treated
Water OUT
BYPASS
Valve
INLET
Valve
OUTLET
Valve
UPFLOW
INLET
For treated water (service):
-Open the inlet and outlet
valves
For untreated (bypass):
-Close the inlet and outlet
valves
-Open the bypass valve
Untreated Water
to Outside Faucets
* Included with system - Pipe
and fittings supplied by installer.
Bypass
Valve*
1" Female NPT
Pipe Adapter (2)
not included
UPFLOW
INLET
1" Female NPT
Pipe Adapter
(2) not included
Plumbing
Adapter (2)*
Plumbing
Adapter (2)*
NOTE: System shown without
top cover for clarity.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com