Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WHASC Datasheet(PDF) 10 Page - Whirlpool.

Part # WHASC
Description  How to install, operate and maintain your Whirlpool® Anti-Scale System
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WHIRLPOOL [Whirlpool.]
Direct Link  https://www.whirlpool.com/
Logo WHIRLPOOL - Whirlpool.

WHASC Datasheet(HTML) 10 Page - Whirlpool.

Back Button WHASC Datasheet HTML 2Page - Whirlpool. WHASC Datasheet HTML 3Page - Whirlpool. WHASC Datasheet HTML 4Page - Whirlpool. WHASC Datasheet HTML 5Page - Whirlpool. WHASC Datasheet HTML 6Page - Whirlpool. WHASC Datasheet HTML 7Page - Whirlpool. WHASC Datasheet HTML 8Page - Whirlpool. WHASC Datasheet HTML 9Page - Whirlpool. WHASC Datasheet HTML 10Page - Whirlpool.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
Warranty
ANTI-SCALE SYSTEM WARRANTY - MODEL WHASC
(except anti-scale media)
Warrantor: Water Channel Partners, 2805 Dodd Road, Suite 300, Eagan, MN 55121
Warrantor guarantees, to the original purchaser when the product is purchased from an authorized dealer, and when
installed and maintained in accordance with the instructions, that:
One Year Full Warranty:
● For a period of one (1) year from the date the product is delivered, all parts will be free from defects in materials
and workmanship and will perform in accordance with their written specifications.
Limited Warranties:
● For a period of ten (10) years from the date the product is delivered, the fiberglass mineral tank, excluding
filtration media, will not rust, corrode, leak, burst, or in any other manner, fail to perform in accordance with its
written specifications.
● For a period of three (3) years from the date the product is delivered, the in/out head will be free of defects in
materials and workmanship and will perform in accordance with its written specifications.
If, during such respective period, a part proves to be defective, Warrantor will ship a replacement part, directly to
your home, without charge. If a repair or replacement part is unavailable, Warrantor may refund the original
purchase price.
If you have questions regarding a warranted product, need assistance with installation or troubleshooting, wish to
order a part or report a warranty issue, we are just a phone call away. SIMPLY DIAL 1-866-986-3223 for assistance.
General Provisions
The above warranties are effective provided the water treatment system is operated at water pressures not exceeding
125 psi (8.8 kg/cm2), and at water temperatures not exceeding 120°F (49°C); provided further that the water
treatment system is not subject to abuse, misuse, alteration, neglect, freezing, accident or negligence; and provided
further that the water treatment system is not damaged as the result of any force of nature such as, but not limited
to, flood, hurricane, tornado or earthquake.
The limited warranty does not cover damage due to: (a) transportation, (b) storage, (c) improper use, (d) failure to
follow the product instructions or to perform any preventive maintenance, (e) modifications, (f) unauthorized repair,
(g) normal wear and tear, or (h) external causes such as accidents, abuse, or other actions or events beyond
Warrantor’s reasonable control. Use of aftermarket, used, or non-manufacturer provided parts will void all
warranties. Warranty does not cover failures due to improper product installation. Warrantor is excused if failure
to perform its warranty obligations is the result of strikes, government regulation, materials shortages, or other
circumstances beyond its control.
THERE ARE NO WARRANTIES ON THE WATER TREATMENT SYSTEM BEYOND THOSE SPECIFICALLY
DESCRIBED ABOVE. ALL IMPLIED WARRANTIES, INCLUDING ANY IMPLIED WARRANTY OF
MERCHANTABILITY OR OF FITNESS FOR A PARTICULAR PURPOSE, ARE DISCLAIMED TO THE EXTENT
THEY MIGHT EXTEND BEYOND THE ABOVE PERIODS. THE SOLE OBLIGATION OF WARRANTOR UNDER
THESE WARRANTIES IS TO REPLACE OR REPAIR THE COMPONENT OR PART WHICH PROVES TO BE
DEFECTIVE WITHIN THE SPECIFIED TIME PERIOD, AND WARRANTOR IS NOT LIABLE FOR CONSEQUENTIAL
OR INCIDENTAL DAMAGES. NO DEALER, AGENT, REPRESENTATIVE, OR OTHER PERSON IS AUTHORIZED
TO EXTEND OR EXPAND THE WARRANTIES EXPRESSLY DESCRIBED ABOVE.
Some states do not allow the exclusion or limitation of incidental or consequential damages, so the above limitation
or exclusion may not apply to you. This warranty gives you specific legal rights, and you may have other rights
which vary from state to state. This warranty applies to consumer-owned installations only.
®
/™ © 2024 Whirlpool. All rights reserved.
Manufactured under license by Water Channel Partners, Eagan, Minnesota.
Limited warranty provided by manufacturer.
W11740393A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com