Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WHASC Datasheet(PDF) 4 Page - Whirlpool.

Part # WHASC
Description  How to install, operate and maintain your Whirlpool® Anti-Scale System
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WHIRLPOOL [Whirlpool.]
Direct Link  https://www.whirlpool.com/
Logo WHIRLPOOL - Whirlpool.

WHASC Datasheet(HTML) 4 Page - Whirlpool.

  WHASC Datasheet HTML 1Page - Whirlpool. WHASC Datasheet HTML 2Page - Whirlpool. WHASC Datasheet HTML 3Page - Whirlpool. WHASC Datasheet HTML 4Page - Whirlpool. WHASC Datasheet HTML 5Page - Whirlpool. WHASC Datasheet HTML 6Page - Whirlpool. WHASC Datasheet HTML 7Page - Whirlpool. WHASC Datasheet HTML 8Page - Whirlpool. WHASC Datasheet HTML 9Page - Whirlpool. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Before You Start
HOW THE WHIRLPOOL® ANTI-SCALE
SYSTEM WORKS
Hard water forms “scale” deposits in plumbing.
These deposits are composed of calcium carbonate
(CaCO3) and magnesium carbonate (MgCO3). As
scale builds up over time, it can clog plumbing and
coat the heating element in your water heater,
significantly reducing its efficiency and life.
Unlike a traditional water softener which uses ion
exchange media to remove calcium and magnesium
ions from the water, the Whirlpool® Anti-Scale System
converts them into a crystalline form that is less prone
to forming scale. This system does not require water
for backwashing and does not discharge water to the
drain.
Since the Whirlpool® Anti-Scale System does not
require the addition of salt or chemicals, it is practically
maintenance free. The system may benefit from
having anti-scale media added every few years,
based on your water use and water conditions.
INSPECT SHIPMENT
The parts required to install the Whirlpool® Anti-Scale
System are included with the unit. Thoroughly check
the system for possible shipping damage and parts
loss. Remove and discard (or recycle) all packing
materials.
WHERE TO INSTALL THE SYSTEM
=
Place the system as close as possible to the pres-
sure tank (well system) or water meter (city water).
=
Connect the system to the main water supply pipe
upstream of the water heater. Do not run hot water
through the system. The temperature of water
passing through the system must not be above
120°F (49°C). Damage caused by hot water is not
covered by the warranty.
=
Do not install the system where freezing
temperatures could occur. Damage caused by
freezing is not covered by the warranty.
=
Keep outside faucets on untreated water to
conserve media capacity.
=
Put the system in a place water damage is least
likely to occur if a leak develops. The manufacturer
will not repair or pay for water damage.
=
If installing in an outside location, you must take
the steps necessary to assure the system is as
effectively sheltered from the elements, contamina-
tion, vandalism, etc., as when installed indoors.
=
Avoid installing in direct sunlight. Excessive sun
heat may cause distortion or other damage to
non-metallic parts.
TOOLS, PIPE & FITTINGS,
OTHER MATERIALS YOU WILL NEED
=
Plastic inlet and outlet fittings included with the
system allow water flow equivalent to 1 inch
(2.54 cm) nominal pipe. To maintain full valve flow,
1" (2.54 cm) pipes to and from the system fittings
are recommended. Do not reduce the pipes to less
than 3/4" (1.9 cm) size.
=
Use copper, brass or PEX plastic pipe and fittings.
=
ALWAYS install the included bypass valve, or
3 shut-off valves. Bypass valves let you turn off
water to the system for repairs if needed, but still
have water available to the house pipes.
PLAN HOW YOU WILL INSTALL THE SYSTEM
You must first decide how to run in and out pipes to
the system. Look at the house main water pipe at the
point where you will connect the system. Is the pipe
soldered copper, glued plastic, or threaded brass/
galvanized? What is the pipe size?
Now look at the typical installation illustrations on
page 5. Use them as a guide when planning your
particular installation. Be sure to direct incoming,
untreated water to the “UPFLOW INLET” port.
Packing List
Plumbing Adapters
Bypass Valve
FIG. 2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com