Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WHASC Datasheet(PDF) 8 Page - Whirlpool.

Part # WHASC
Description  How to install, operate and maintain your Whirlpool® Anti-Scale System
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WHIRLPOOL [Whirlpool.]
Direct Link  https://www.whirlpool.com/
Logo WHIRLPOOL - Whirlpool.

WHASC Datasheet(HTML) 8 Page - Whirlpool.

Back Button WHASC Datasheet HTML 2Page - Whirlpool. WHASC Datasheet HTML 3Page - Whirlpool. WHASC Datasheet HTML 4Page - Whirlpool. WHASC Datasheet HTML 5Page - Whirlpool. WHASC Datasheet HTML 6Page - Whirlpool. WHASC Datasheet HTML 7Page - Whirlpool. WHASC Datasheet HTML 8Page - Whirlpool. WHASC Datasheet HTML 9Page - Whirlpool. WHASC Datasheet HTML 10Page - Whirlpool.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
Adding Anti-Scale Media
PROCEDURE FOR ADDING ANTI-SCALE
MEDIA
1. Remove the top cover as described on page 6.
2. Bypass the system by turning both bypass handles
perpendicular to the flow of water (See Fig. 8).
3. Slowly loosen the installation collars between the
bypass valve and in/out head (See Fig. 9), allowing
pressure to escape from system.
4. When both installation collars between bypass and
in/out head are completely loosened from the in/out
head, pull the system away from the bypass valve.
5. Holding the tank neck adapter with a strap wrench,
unscrew the in/out head from the tank neck
adapter (See Fig. 10). Once the in/out head is
completely unscrewed, check to see whether the
riser pipe (See Fig. 10) is still inserted in the in/out
head. Remove it by lifting the in/out head enough
to grasp the riser pipe and pull it free from the
head.
6. Using a hose or tube that is 3/4" (1.9 cm) O.D. or
less, siphon the water from the mineral tank
through the riser pipe. This will keep the top-
bedding HDPE from floating out of the tank as the
water rises when adding media.
7. Remove clips and clamps (See Fig. 11), and lift
tank neck adaptor and top distributor from the tank
neck. Be sure not to lose the o-rings.
8. Plug, cap or tape the open top of the riser pipe
(See Fig. 11) to keep media from entering the riser
pipe.
IMPORTANT: Media entering the riser pipe will
restrict fow and increase system
pressure drop significantly.
9. Use a funnel that either fits around the riser pipe or
alongside of it and fits inside of the tank neck.
10. Add anti-scale media to the tank. Systems are
shipped from the factory with 3 lbs. (1.36 kg) of
media. Replacement media is supplied in 1.5 lb.
(0.68 kg) containers (P/N 7353755).
11. Uncover the riser pipe and reassemble the
system in reverse order, making sure that all
o-rings are in place.
NOTE: The riser pipe (See Fig. 10) may have been
pulled up from the bottom of the mineral tank.
If this has happened, the in/out head may not
engage the threads of the neck adapter. To
correct this, apply air or water pressure to the
riser pipe. This will move the media at the
bottom of the tank, allowing the riser pipe to
be lowered to the bottom of the mineral tank.
FIG. 8
Turn handles
to bypass
FIG. 9
Bypass Valve
In/Out Head
Unscrew collars to remove
FIG. 10
Tank Neck Adapter
Unscrew In/Out Head
to remove
Riser Pipe
FIG. 11
Lift out
Top Distributor
with O-Ring
Riser Pipe
Disengage
Clips & Clamps
Tank Neck
Adapter
Add Media
through
Tank Neck



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com