Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WHASC Datasheet(PDF) 9 Page - Whirlpool.

Part # WHASC
Description  How to install, operate and maintain your Whirlpool® Anti-Scale System
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WHIRLPOOL [Whirlpool.]
Direct Link  https://www.whirlpool.com/
Logo WHIRLPOOL - Whirlpool.

WHASC Datasheet(HTML) 9 Page - Whirlpool.

Back Button WHASC Datasheet HTML 2Page - Whirlpool. WHASC Datasheet HTML 3Page - Whirlpool. WHASC Datasheet HTML 4Page - Whirlpool. WHASC Datasheet HTML 5Page - Whirlpool. WHASC Datasheet HTML 6Page - Whirlpool. WHASC Datasheet HTML 7Page - Whirlpool. WHASC Datasheet HTML 8Page - Whirlpool. WHASC Datasheet HTML 9Page - Whirlpool. WHASC Datasheet HTML 10Page - Whirlpool.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Repair Parts
Key
No.
Part No.
Description
1
7351753
Head, In/Out
2
7346805
Bypass Valve Assembly,
includes o-rings (See Key No. 4)
3
7346790
Adapter, Plumbing, 1" NPT, pack of
2, includes o-rings (See Key No. 4)
4
7337597
O-Ring, 1-1/16" x 1-5/16", pack of 4
5
7342788
Adapter, Tank Neck
–
7331177
Tank Neck Clamp Kit
(includes 2 ea. of Key Nos. 6 & 7)
6
á
Clamp Section
7
á
Retainer, Clamp
–
7112963
Distributor O-Ring Kit
(includes Key Nos. 8 & 9)
8
á
O-Ring, 2-7/8" x 3-1/4"
9
á
O-Ring, 2-3/4" x 3"
10
7077870
Top Distributor
11
7105047
Repl. Bottom Distributor
12
7264037
Repl. Mineral Tank, 8" x 25"
13
7353755
Anti-Scale Media, 1.5 lbs.
(3 lbs. provided in WHASC)
7351761
HDPE Pellets, 3 lbs.
(3 lbs. provided in WHASC)
14
7401689
Top Cover (order decal below)
15
7401697
Faceplate Decal
16
7290101
Rim
17
7296296
Shroud
18
7352822
Adapter, Plumbing, 1-1/4" NPT,
pack of 2, includes o-rings Ù
19
7352830
Adapter, Plumbing, 1-1/4" & 1-1/2"
PVC Solvent, pack of 2, incl. o-rings Ù
7
6
8
10
9
11
12
16
13
2
SYSTEM PARTS LIST
SYSTEM EXPLODED VIEW
Ù Optional parts, not included with system.
1
3
4
5
18
19
15
14
17
Questions? Call Toll Free 1-866-986-3223 or visit whirlpoolwatersolutions.com
When you call, please be prepared to provide the model and serial number,
located on the rating decal on back of the cover.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com