Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WHASC Datasheet(PDF) 3 Page - Whirlpool.

Part # WHASC
Description  How to install, operate and maintain your Whirlpool® Anti-Scale System
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WHIRLPOOL [Whirlpool.]
Direct Link  https://www.whirlpool.com/
Logo WHIRLPOOL - Whirlpool.

WHASC Datasheet(HTML) 3 Page - Whirlpool.

  WHASC Datasheet HTML 1Page - Whirlpool. WHASC Datasheet HTML 2Page - Whirlpool. WHASC Datasheet HTML 3Page - Whirlpool. WHASC Datasheet HTML 4Page - Whirlpool. WHASC Datasheet HTML 5Page - Whirlpool. WHASC Datasheet HTML 6Page - Whirlpool. WHASC Datasheet HTML 7Page - Whirlpool. WHASC Datasheet HTML 8Page - Whirlpool. WHASC Datasheet HTML 9Page - Whirlpool. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Anti-Scale System Safety
Your safety and the safety of others are very important.
We have provided many safety messages in this manual and on your appliance. Always read and obey all safety
messages.
This is the safety alert symbol.
This symbol alerts you to potential hazards that can kill or hurt you and others.
All safety messages will follow the safety alert symbol and either the word “DANGER” or “WARNING”
These words mean:
You can be killed or seriously injured if you don’t
immediately follow instructions.
You can be killed or seriously injured if you don’t
follow instructions.
All safety messages will tell you what the potential hazard is, tell you how to reduce the chance of injury, and tell
you what can happen if the instructions are not followed.
In the state of Massachusetts: The Commonwealth of Massachusetts plumbing code 248-CMR shall
be adhered to. A licensed plumber shall be used for this installation.
IMPORTANT INFORMATION
=
Follow the installation instructions thoroughly.
Failure to install the system properly voids the war-
ranty.
=
Before you begin installation, read this entire
manual. Then obtain all the materials and tools
you will need to make the installation.
=
Check local plumbing codes. The installation must
conform to them.
=
Use only lead-free solder and flux for all sweat-
solder connections as required by state and
Do not return the Anti-Scale System to store.
If you have any questions, or there are missing parts or damage, please call Toll Free 1-866-986-3223
or visit www.whirlpoolwatersolutions.com
When you call, please be prepared to provide the model and serial number, located on the rating decal on
back of the cover.
federal codes.
=
Use care when handling the system. Do not turn
upside down, drop, or set on sharp protrusions.
=
Recommended maximum allowable inlet water
pressure is 125 psi (8.8 kg/cm2). Use a pressure
reducing valve if necessary.
=
This system is not intended to be used for treating
water that is microbiologically unsafe or of
unknown quality without adequate disinfection
before or after the system.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com