Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2507GR Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2507GR
Description  Low Power Mobile Pixel Link (MPL) Level 0, 16-bit CPU Display interface Serializer and Deserializer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2507GR Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LM2507GR Datasheet HTML 14Page - National Semiconductor (TI) LM2507GR Datasheet HTML 15Page - National Semiconductor (TI) LM2507GR Datasheet HTML 16Page - National Semiconductor (TI) LM2507GR Datasheet HTML 17Page - National Semiconductor (TI) LM2507GR Datasheet HTML 18Page - National Semiconductor (TI) LM2507GR Datasheet HTML 19Page - National Semiconductor (TI) LM2507GR Datasheet HTML 20Page - National Semiconductor (TI) LM2507GR Datasheet HTML 21Page - National Semiconductor (TI) LM2507GR Datasheet HTML 22Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Application Information (Continued)
DISPLAY APPLICATION
The LM2507 chipset is intended for interfacing between a
host (processor) and a Display. It supports a 16, 9 or 8-bit i80
CPU style interfaces and can be configured as shown in
Figure 19. The Display side parallel bus may be connected
to one or two displays. Each display has its own chipselect
signal. The multidrop bus should be laid out to minimize any
resulting stub lengths.
If only one display is required, the unused CS* master input
must be tied off (High, disabled). The unused CS* slave
output should be left as a no-connect (NC).
If a 8-bit or 9-bit CPU bus width is desired, the unused
master inputs must be tied off (connect to Ground). The
unused Slave outputs should be left as no-connects.
20186062
FIGURE 18. MPL Interface Layout – microArray to LLP Package
20186001
FIGURE 19. CPU Mode Display Interface Application
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com