Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2507GR Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2507GR
Description  Low Power Mobile Pixel Link (MPL) Level 0, 16-bit CPU Display interface Serializer and Deserializer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2507GR Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM2507GR Datasheet HTML 7Page - National Semiconductor (TI) LM2507GR Datasheet HTML 8Page - National Semiconductor (TI) LM2507GR Datasheet HTML 9Page - National Semiconductor (TI) LM2507GR Datasheet HTML 10Page - National Semiconductor (TI) LM2507GR Datasheet HTML 11Page - National Semiconductor (TI) LM2507GR Datasheet HTML 12Page - National Semiconductor (TI) LM2507GR Datasheet HTML 13Page - National Semiconductor (TI) LM2507GR Datasheet HTML 14Page - National Semiconductor (TI) LM2507GR Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Functional Description (Continued)
TABLE 2. WRITE — i80 CPU Interface Parameters
No.
Parameter
Min
Typ
Max
Units
T1
MasterIN
Data Setup before Write* High
3.5
ns
T2
MasterIN
Data Hold after Write* High
2.5
ns
T3
MasterIN
Write* Cycle Rate
6
MC Cycles
T4
Master
Master Latency
7
MC Cycles
T5
Slave
Slave Latency
8
MC Cycles
T6
SlaveOUT
Data Valid before Write* High-to-Low
1
MC Cycles
T7
SlaveOUT
WR* Pulse Width Low, 16-bit mode
3
MC Cycles
T8
SlaveOUT
Data Valid before Write* Low-to-High
4
MC Cycles
T9
SlaveOUT
Data Valid after Write* Low-to-High
1
MC Cycles
20186012
FIGURE 11. WRITE — i80 CPU Interface
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com