Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2507GR Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2507GR
Description  Low Power Mobile Pixel Link (MPL) Level 0, 16-bit CPU Display interface Serializer and Deserializer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2507GR Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM2507GR Datasheet HTML 10Page - National Semiconductor (TI) LM2507GR Datasheet HTML 11Page - National Semiconductor (TI) LM2507GR Datasheet HTML 12Page - National Semiconductor (TI) LM2507GR Datasheet HTML 13Page - National Semiconductor (TI) LM2507GR Datasheet HTML 14Page - National Semiconductor (TI) LM2507GR Datasheet HTML 15Page - National Semiconductor (TI) LM2507GR Datasheet HTML 16Page - National Semiconductor (TI) LM2507GR Datasheet HTML 17Page - National Semiconductor (TI) LM2507GR Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Functional Description (Continued)
LM2507 Features and Operation
POWER SUPPLIES
The V
DDcore and VDDA (MPL and PLL) must be connected to
the same potential between 1.74V and 2.0V. V
DDIO powers
the logic interface and may be powered between 1.74 and
3.0V to be compatible with a wide range of host and target
devices. On this device, V
DDIO must be powered up be-
fore V
DDcore/VDDA
for proper device configuration/
startup.
BYPASS RECOMMENDATIONS
Bypass capacitors should be placed near the power supply
pins of the device. Use high frequency ceramic (surface
mount recommended) 0.1 µF capacitors. A 2.2 to 4.7 µF
Tantalum capacitor is recommended near the Master V
DDA
pin for PLL bypass. A 2.2 to 4.7 µF Tantalum capacitor is
recommended near the Slave V
DDA pin for MPL bypass.
Connect bypass capacitors with wide traces and use dual or
larger via to reduce resistance and inductance of the feeds.
Utilizing a thin spacing between power and ground planes
will provide good high frequency bypass above the fre-
quency range where most typical surface mount capacitors
are less effective. To gain the maximum benefit from this, low
inductance feed points are important. Also, adjacent signal
layers can be filled to create additional capacitance. Mini-
mize loops in the ground returns also for improved signal
fidelity and lowest emissions.
UNUSED/OPEN PINS
Unused inputs must be tied to the proper input level — do
not float them. Unused outputs should be left open to mini-
mize power dissipation.
PHASE-LOCKED LOOP
When the LM2507 is configured as a CPU Master, a PLL is
enabled to generate the serial link clock. The Phase-locked
loop system generates the serial data clock at 4X of the input
clock. The MC rate is limited between 12MHz and 80MHz
which corresponds to an input CLK of 3 to 20MHz.
MASTER(SER)/SLAVE(DES) SELECTION
The M/S* pin is used to configure the device as either a
Master or Slave device. When the M/S* pin is a Logic High,
the Master / Serializer configuration is selected. The Driver
block is enabled for the MC line, and the MD lines. When the
M/S* pin is a Logic Low, the Slave / Deserializer configura-
tion is selected. The Receiver block is enabled for the MC
line, and the MD lines.
POWER DOWN/OFF CONFIGURATION / OPTIONS AND
CLOCK STOP
Power Up Operation - Upon the application of power to the
LM2507, devices configured for Slave activate all outputs.
Outputs are held in deasserted states, with all zeros on the
data busses until valid data is received from the Master
device. If PD* is asserted (Low) prior to the application of
power, then the part remains in its power down state.
20186028
FIGURE 14. Two WRITE Timing – Master IN vs. Slave OUT
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com