Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2507GR Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2507GR
Description  Low Power Mobile Pixel Link (MPL) Level 0, 16-bit CPU Display interface Serializer and Deserializer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2507GR Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM2507GR Datasheet HTML 9Page - National Semiconductor (TI) LM2507GR Datasheet HTML 10Page - National Semiconductor (TI) LM2507GR Datasheet HTML 11Page - National Semiconductor (TI) LM2507GR Datasheet HTML 12Page - National Semiconductor (TI) LM2507GR Datasheet HTML 13Page - National Semiconductor (TI) LM2507GR Datasheet HTML 14Page - National Semiconductor (TI) LM2507GR Datasheet HTML 15Page - National Semiconductor (TI) LM2507GR Datasheet HTML 16Page - National Semiconductor (TI) LM2507GR Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Functional Description (Continued)
TABLE 3. READ — i80 CPU Interface Parameters
No.
Parameter
Min
Typ
Max
Units
T1
MasterIN
Set Up Time (A/D, RD*) and Data On Time
3.5
ns
T2
MasterIN
Hold Time (A/D, RD*) and Data Off Time
2.5
ns
T3
Master
Master Latency
7
MC Cycles
T4
Slave
Slave Latency
4
MC Cycles
T5
Slave
Read* Delay
1
MC Cycles
T6
Slave
Read Low Pulse Width
6
MC Cycles
T7
Slave
Data Set Up Time
5
ns
T8
Slave
Data Hold Time
5
ns
T9
Slave
Slave Read Latency
4
MC Cycles
T10
Master
MST Read Latency and INTR Delay
14
MC Cycles
T11
Master
Data Delay
13
41
ns
T12
MasterOUT
Data Valid after Strobe
1
7.5
ns
T13
MasterOUT
RD* active pulse width
>50
ns
T14
MasterOUT
INTR De-assert
5
MC Cycles
T15
MasterOUT
Recovery Time, (Note 9)
5
ns
T16
MasterOUT
INTR Response
0
MC Cycles
T17
Slave
IDR Delay, IDR = High, Figure 13
4
MC Cycles
SLAVE OUTPUT TIMING
The Slave output recreates the transaction that was sent to
the Master. However exact timing of the Slave output is not
identical to the Master input. The active pulse (WR* and RD*
output pulse) is a function of the MC cycle rate alone. The
width applied on the Master input (assuming it meets set and
hold requirements), is not regenerated by the Slave output.
Also with WRITE transactions the output state is held until
the next transaction requires them to be updated. For ex-
ample after a i80 WRITE to CS1*, the A/D, DATAn, and CS1*
output will remain static and hold their last state. CS1* will
remain Low until a transaction to CS2* or a PowerDown
event. This is acceptable to the target device as normally
both an active CS and RD or WR signal is required.
On the display side, the Slave can be configured through the
IDR input to issue one or two read transactions to the
peripheral. If configured for two read transactions, it will take
longer for the INTR signal to be asserted from the Master to
account for the time taken for the remote dummy read. Use
of this mode allows for consistent behavior from the periph-
eral regardless of the use of the MPL link (LM2507) or not.
See Figure 13.
Compatibility of target device’s timing requirements should
be checked. Check that the active pulse is wide enough for
the current settings. If the SLV output is too fast, a slower MC
rate should be chosen (use a lower input CLK frequency).
20186034
FIGURE 13. Slave Output Timing with IDR = H
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com