Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2507GR Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2507GR
Description  Low Power Mobile Pixel Link (MPL) Level 0, 16-bit CPU Display interface Serializer and Deserializer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2507GR Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM2507GR Datasheet HTML 1Page - National Semiconductor (TI) LM2507GR Datasheet HTML 2Page - National Semiconductor (TI) LM2507GR Datasheet HTML 3Page - National Semiconductor (TI) LM2507GR Datasheet HTML 4Page - National Semiconductor (TI) LM2507GR Datasheet HTML 5Page - National Semiconductor (TI) LM2507GR Datasheet HTML 6Page - National Semiconductor (TI) LM2507GR Datasheet HTML 7Page - National Semiconductor (TI) LM2507GR Datasheet HTML 8Page - National Semiconductor (TI) LM2507GR Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Electrical Characteristics (Continued)
Over recommended operating supply and temperature ranges unless otherwise specified. (Notes 2, 3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
SUPPLY CURRENT
I
DDZ
Supply Current — Disable
T
A = 25˚C
Power Down Modes
MST
PD*=L
V
DDIO
<12
µA
V
DD/VDDA
<1
2.2
µA
SLV
PD*=L
V
DDIO
<12
µA
V
DD/VDDA
<1
2.2
µA
Switching Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified. (Note 2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
PARALLEL BUS TIMING See
t
SET
Set Up Time
5
ns
t
HOLD
Hold Time
5
ns
t
RISE
Rise Time
Edge sensitive
outputs only,
(Note 6)
C
L =15pF,
Figure 2
V
DDIO = 1.74V
7
15.5
ns
V
DDIO = 3.0V
3
6.5
ns
t
FALL
Fall Time
V
DDIO = 1.74V
7
15.5
ns
V
DDIO = 3.0V
26
ns
SERIAL BUS TIMING
t
DVBC
Serial Data Valid before
Clock (Set Time)
SLV Input
Figure 1
MC = 80MHz
(Note 9)
1.5
ns
t
DVAC
Serial Data Valid after
Clock (Hold Time)
1.5
ns
POWER UP TIMING
t
0
MST PLL Lock Counter
4,096
CLK
cycles
t
1
MC Pulse Width Low
180
MC
cycles
t
2
MC Pulse Width High
180
MC
cycles
t
3
MC H-L to Idle State
180
MC
cycles
MPL POWER OFF TIMING
t
PAZ
Disable Time to Power
Down
(Note 8)
2ms
Recommended Input Timing Requirements
Over recommended operating supply and temperature ranges unless otherwise specified. (Note 2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
MASTER REFERENCE CLOCK (CLK)
f
Clock Frequency
3
20
MHz
t
CP
Clock Period
50
333
ns
CLK
DC
Clock Duty Cycle
30
50
70
%
t
T
Clock/Data Transition
Times (Rise or Fall,
10%–90%)
(Note 7)
2
ns
Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the device
should be operated at these limits. The tables of “Electrical Characteristics” specify conditions for device operation.
Note 2: Typical values are given for VDDIO = 1.8V and VDD =VDDA = 1.8V and TA = 25˚C.
Note 3: Current into a device pin is defined as positive. Current out of device pins is defined as negative. Voltages are referenced to Ground unless otherwise
specified.
Note 4: MPL Current Threshold is set to be 3XIB by the MPL start up Sequence - this is a functional specification only.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com