Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2507GR Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2507GR
Description  Low Power Mobile Pixel Link (MPL) Level 0, 16-bit CPU Display interface Serializer and Deserializer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2507GR Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2507GR Datasheet HTML 1Page - National Semiconductor (TI) LM2507GR Datasheet HTML 2Page - National Semiconductor (TI) LM2507GR Datasheet HTML 3Page - National Semiconductor (TI) LM2507GR Datasheet HTML 4Page - National Semiconductor (TI) LM2507GR Datasheet HTML 5Page - National Semiconductor (TI) LM2507GR Datasheet HTML 6Page - National Semiconductor (TI) LM2507GR Datasheet HTML 7Page - National Semiconductor (TI) LM2507GR Datasheet HTML 8Page - National Semiconductor (TI) LM2507GR Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Pin Descriptions — CPU
Pin Name
No.
of Pins
I/O, Type
Description
CPU Master
(MST)
CPU Slave
(SLV)
MPL SERIAL BUS PINS
MD[1:0]
2
IO, MPL
MPL Data Line Driver/Receiver
MPL Data Receiver/Line Driver
MC
1
IO, MPL
MPL Clock Line Driver
MPL Clock Receiver
V
SSA
Ground
MPL Ground - see Power/Ground Pins
CONFIGURATION/PARALLEL BUS PINS
CPU
1
I,
LVCMOS
CPU mode configuration input
Tie High
M/S*
1
I,
LVCMOS
Tie High for Master
Tie Low for Slave
TM
1
I,
LVCMOS
Test Mode control input
Tie Low for normal mode (High reserved for factory test)
Mode
1
I,
LVCMOS
CPU Mode input
Tie High for i80 mode
CSL*/IDR
1
I,
LVCMOS
Local Chip Select input,
Reserved - Tie High.
Insert Dummy Read control input,
H = inserts dummy read cycle in all
READ transactions
L = uses one READ cycle for every
READ transaction
CLOCK / POWER DOWN SIGNALS
CLK
1
I,
LVCMOS
CLK input
NA
PD*
1
I,
LVCMOS
Power Down input,
L = Powered down (sleep mode)
H = active mode
PARALLEL INTERFACE SIGNALS
D[15:0]
16
IO,
LVCMOS
CPU Data Bus inputs / outputs
CPU Data Bus outputs / inputs
MF0
(RD*)
1
IO,
LVCMOS
Multi Function input -
Read input (RD*) for i80 I/F
Multi Function output -
Read output (RD*) for i80 I/F
MF1
(WR*)
1
IO,
LVCMOS
Multi Function input -
Write input (WR*) for i80 I/F
Multi Function output -
Write output (WR*) for i80 I/F
CS1*
1
IO,
LVCMOS
Chip Select One input
Active Low
Chip Select One output
Active Low
CS2*
1
IO,
LVCMOS
Chip Select Two input
Active Low
Chip Select Two output
Active Low
A/D
1
IO,
LVCMOS
Address / Data selector input
Address / Data selector output
INTR/8-bit
1
IO,
LVCMOS
Interrupt Output
Active High, is asserted when READ
data is ready and de-asserted upon send
READ cycle OPTIONAL
8-bit Mode Input
Tie Low for 16-bit mode
8-bit mode is reserved.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com