Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2507GR Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2507GR
Description  Low Power Mobile Pixel Link (MPL) Level 0, 16-bit CPU Display interface Serializer and Deserializer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2507GR Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button LM2507GR Datasheet HTML 14Page - National Semiconductor (TI) LM2507GR Datasheet HTML 15Page - National Semiconductor (TI) LM2507GR Datasheet HTML 16Page - National Semiconductor (TI) LM2507GR Datasheet HTML 17Page - National Semiconductor (TI) LM2507GR Datasheet HTML 18Page - National Semiconductor (TI) LM2507GR Datasheet HTML 19Page - National Semiconductor (TI) LM2507GR Datasheet HTML 20Page - National Semiconductor (TI) LM2507GR Datasheet HTML 21Page - National Semiconductor (TI) LM2507GR Datasheet HTML 22Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
Connection Diagram - LLP Package
20186052
TOP VIEW — (not to scale)
TABLE 4. CPU Mode Pad Assignment
Pin #
Master
Slave
Pinl #
Master
Slave
1
M/S*
21
D4
D11
2
CSL*
IDR
22
D5
D10
3V
DDA
23
D6
D9
4
MD1
MD0
24
D7
D8
5V
SSA
25
V
SScore
6MC
26
V
DDcore
7
MD0
MD1
27
D8
D7
8
Mode
28
D9
D6
9
CPU
29
D10
D5
10
INTR
8-bit
30
D11
D4
11
TM
31
D12
D3
12
A/D
NC
32
D13
D2
13
MF1 (WR*)
CS2*
33
D14
D1
14
MF0 (RD*)
CS1*
34
D15
D0
15
V
SSIO
35
V
SSIO
16
V
DDIO
36
V
DDIO
17
D0
D15
37
CS1*
MF0 (RD*)
18
D1
D14
38
CS2*
MF1 (WR*)
19
D2
D13
39
CLK
A/D
20
D3
D12
40
PD*
DAP
GND
DAP
GND
Note: Pins are different between Master and Slave configurations.
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com