Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CJS400 Datasheet(PDF) 5 Page - Clarke International

Part # CJS400
Description  400W JIG SAW
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CJS400 Datasheet(HTML) 5 Page - Clarke International

  CJS400 Datasheet HTML 1Page - Clarke International CJS400 Datasheet HTML 2Page - Clarke International CJS400 Datasheet HTML 3Page - Clarke International CJS400 Datasheet HTML 4Page - Clarke International CJS400 Datasheet HTML 5Page - Clarke International CJS400 Datasheet HTML 6Page - Clarke International CJS400 Datasheet HTML 7Page - Clarke International CJS400 Datasheet HTML 8Page - Clarke International CJS400 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
performed. Use of the power tool for operations different from those intended
could result in a hazardous situation.
5) SERVICING
a. Have your power tool serviced by a qualified repair person using only identical
replacement parts to ensure that the safety of the power tool is maintained.
SPECIFIC WARNINGS FOR JIGSAWS
1. ONLY sharp saw blades in perfect working condition should be used; cracked or
bent saw blades should be discarded and replaced at once.
2. ALWAYS ensure that the blade is securely fixed.
3. ALWAYS use the appropriate blade for the material being cut.
4. ALWAYS use a cooling agent when cutting metals, i.e. cutting oil.
5. ALWAYS allow sufficient clearance beneath the work to ensure the blade does
not come into contact with the floor, table etc.
6. ALWAYS check for hidden electrical wires or water pipes etc.
7. ALWAYS keep the mains cable well away from the machine and ensure an
adequate electrical supply is close at hand so that the operation is not restricted
by the length of the cable.
8. When cutting wood, ensure any nails have been removed beforehand. Nails will
damage the wood saw blade.
9. NEVER allow the ventilation slots in the machine to become blocked.
10. NEVER attempt to stop the saw blade with your fingers.
11. NEVER put the saw down on a table or work bench unless switched off. The saw
blade will keep running briefly after the tool has been switched off.
12. DO NOT cut material above the specified thickness.
13. DO NOT cut through walls or cavities before checking for hidden electrical wires
or water pipes etc.
14. DO NOT touch the blade immediately after use, allow time for it to cool.
15. DO NOT attempt to saw extremely small workpieces.
16. Wherever possible, use clamps and vices to fasten the workpiece securely.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com