Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CJS400 Datasheet(PDF) 9 Page - Clarke International

Part # CJS400
Description  400W JIG SAW
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CJS400 Datasheet(HTML) 9 Page - Clarke International

Back Button CJS400 Datasheet HTML 5Page - Clarke International CJS400 Datasheet HTML 6Page - Clarke International CJS400 Datasheet HTML 7Page - Clarke International CJS400 Datasheet HTML 8Page - Clarke International CJS400 Datasheet HTML 9Page - Clarke International CJS400 Datasheet HTML 10Page - Clarke International CJS400 Datasheet HTML 11Page - Clarke International CJS400 Datasheet HTML 12Page - Clarke International CJS400 Datasheet HTML 13Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
ADJUSTING THE SPEED
The jigsaw speed can be adjusted
between 0 and 3,000 strokes per minute
by turning the speed selector (A).
• The selector is marked 1 (lowest
speed) to 6 (full speed).
In general, higher speeds will allow you
to cut workpieces faster but the service
life of the blade will be reduced.
DUST COLLECTION
The jigsaw is provided with a dust
extract connection, (A) where a vacuum
extractor may be connected to the rear
of the machine.
Please note however, that this does not
preclude the user from wearing a face
mask to prevent the inhalation of dust
particles.
Connect the vacuum extractor port to an
extract system wherever possible.
ADJUSTING THE SOLE PLATE FOR BEVEL CUTTING
The sole-plate (A) can be tilted so that
bevels of up to 45° may be cut (left or
right).
1. Loosen the two socket head screws
(B) under the body of the saw using
the hex key supplied, before tilting
the sole plate to the desired angle
and re-tightening the screws.
2. Use the angle marks (C) as a guide to
the angle achieved. The marks
indicate the tilt angle from 0 to 45
degrees.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com