Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CJS400 Datasheet(PDF) 8 Page - Clarke International

Part # CJS400
Description  400W JIG SAW
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CJS400 Datasheet(HTML) 8 Page - Clarke International

Back Button CJS400 Datasheet HTML 4Page - Clarke International CJS400 Datasheet HTML 5Page - Clarke International CJS400 Datasheet HTML 6Page - Clarke International CJS400 Datasheet HTML 7Page - Clarke International CJS400 Datasheet HTML 8Page - Clarke International CJS400 Datasheet HTML 9Page - Clarke International CJS400 Datasheet HTML 10Page - Clarke International CJS400 Datasheet HTML 11Page - Clarke International CJS400 Datasheet HTML 12Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INSTALLING/CHANGING BLADES
1. Use only jigsaw blades with the
correcting T-shank.
2. This jigsaw comes with a convenient
tool-less quick release blade retainer.
To install a blade, use your thumb to
pull the lever counter-clockwise to
open the blade retainer (A).
3. With the blade teeth facing forward,
insert the blade (B) into the blade
retainer as far as it will go. Make sure
that the back edge of the blade sits
against the blade support roller (C).
Move the spring-loaded lever (A) to
insert the blade, then pull on the blade until the blade retainer snaps shut and
secures the blade.
• Take care never to use cracked, blunt or damaged blades.
OPERATION
TURNING ON AND OFF
1. To start the jigsaw, squeeze the
trigger (B). Wait until the blade is
running at speed before attempting
to cut the workpiece.
CONTINUOUS OPERATION
1. Maintain the saw at constant speed
by pressing in the lock-on button (A).
• You can then release your finger
pressure on the trigger (B).
2. To stop the jigsaw if the lock-on
button is used, squeeze the trigger fully in, then release it and the motor will stop.
CAUTION: DO NOT PLUG INTO THE MAINS UNLESS YOU HAVE ENSURED
THE JIGSAW IS SWITCHED OFF. TO DO THIS, SQUEEZE THE TRIGGER
FULLY UPWARDS, THEN RELEASE IT. THE TRIGGER IS LOCATED UNDER
THE GRIP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com