Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CJS400 Datasheet(PDF) 14 Page - Clarke International

Part # CJS400
Description  400W JIG SAW
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CJS400 Datasheet(HTML) 14 Page - Clarke International

Back Button CJS400 Datasheet HTML 8Page - Clarke International CJS400 Datasheet HTML 9Page - Clarke International CJS400 Datasheet HTML 10Page - Clarke International CJS400 Datasheet HTML 11Page - Clarke International CJS400 Datasheet HTML 12Page - Clarke International CJS400 Datasheet HTML 13Page - Clarke International CJS400 Datasheet HTML 14Page - Clarke International CJS400 Datasheet HTML 15Page - Clarke International CJS400 Datasheet HTML 16Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
SPECIFICATIONS
MODEL CJS400
Voltage
230 V AC @ 50Hz
Input power
400 Watts
Input current
1.79 A
Ingress protection rating
IPX0
Insulation class
II
Duty cycle
S1 (continuous)
No-load speed
0–3000 strokes per min
Weight
1.56 kg
Dimensions (L x H x W)
250 x 200 x 68 mm
Max cutting depth
55 mm at 90o
35 mm at 45o
Cutting angles
0o, 15o, 30o & 45o (left and right)
Blade type
Note: product only supplied with
single wood blade only
SDS blades 100mm x 30 teeth
See page 11 for CLARKE part numbers
Dust extraction port size
35/39.9 mm dia
Sound Pressure Level (LPA)
88.7 dB(A)
Sound Power Level (LWA)
99.7 dB(A)
Sound Uncertainty Value (K)
3 dB(A)
Vibration
13.521 m/s²
Vibration Uncertainty Value (K)
1.5 m/s²



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com