Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CJS400 Datasheet(PDF) 12 Page - Clarke International

Part # CJS400
Description  400W JIG SAW
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CJS400 Datasheet(HTML) 12 Page - Clarke International

Back Button CJS400 Datasheet HTML 8Page - Clarke International CJS400 Datasheet HTML 9Page - Clarke International CJS400 Datasheet HTML 10Page - Clarke International CJS400 Datasheet HTML 11Page - Clarke International CJS400 Datasheet HTML 12Page - Clarke International CJS400 Datasheet HTML 13Page - Clarke International CJS400 Datasheet HTML 14Page - Clarke International CJS400 Datasheet HTML 15Page - Clarke International CJS400 Datasheet HTML 16Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
TROUBLESHOOTING
PARTS LIST
Problem
Cause
Solution
Jigsaw does not operate
Damaged cable or fuse.
Inspectandhaverepairedor
replaced.
Blade jambs, binds or
burns the wood
Wrongbladeforthematerial.
Blade is worn out
Incorrect operation
Use correct blade for the
material being cut.
Replace blade.
Refer to Cutting Procedures
on page 10
Motor overheats
Motor air vents blocked
Clean jigsaw see page 11.
Blade cannot be fitted or
removed
Blade clamp blocked with
compacted dust
Clean clamp with brush and/
or compressed air
1
Left housing
18
Rack
2
Variable speed selector
19
Washer
3
Switch
20
Bearing
4
Carbon brush cover
21
Large gear
5
Carbon brush holder
22
Drive peg
6
Carbon brush
23
Balance board
7
Cable clamp
24
Blade holder/shank
8
Screw
25
Blade
9
Cable gland
26
Blade guard
10
Allen key
27
Angle adjusting boards
11
Power cable
28
Sole plate holder
12
Inductor
29
Allen screw
13
Stator
30
Support roller assembly
14
Bearing 626
31
Pin
15
Rotor
32
Screw
16
Bearing 608
33
Right housing
17
Fibre washer
34
Sole plate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com