Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CJS400 Datasheet(PDF) 11 Page - Clarke International

Part # CJS400
Description  400W JIG SAW
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CJS400 Datasheet(HTML) 11 Page - Clarke International

Back Button CJS400 Datasheet HTML 7Page - Clarke International CJS400 Datasheet HTML 8Page - Clarke International CJS400 Datasheet HTML 9Page - Clarke International CJS400 Datasheet HTML 10Page - Clarke International CJS400 Datasheet HTML 11Page - Clarke International CJS400 Datasheet HTML 12Page - Clarke International CJS400 Datasheet HTML 13Page - Clarke International CJS400 Datasheet HTML 14Page - Clarke International CJS400 Datasheet HTML 15Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
MAINTENANCE AND SERVICING
GENERAL MAINTENANCE
1. Check that the power cable is free from cracks, bare wires etc. Avoid using
solvents when cleaning plastic parts. Most plastics are susceptible to damage from
solvents.
2. Ensure all screws remain tight to ensure the jigsaw is in safe working condition.
• All bearings etc, in this machine are lubricated with a sufficient amount of
high grade lubricant for the tools lifetime under normal operating
conditions, therefore no further lubrication is required.
• Only use the replacement blades specified for this product available from
your CLARKE dealer.
3. After use, clean all dust and wood dust from the saw. To ensure constant air
circulation, always keep air vents clear of blockages, (use compressed air to clean
the machine if possible. (Wear PPE when using compressed air).
4. Keep the sole plate free from dirt and grime. Regularly clean to prevent scratches
and scores on the surface.
5. Resin and glue on the blade causes poor cutting results. If necessary clean the
blade after use.
6. Refer to your CLARKE dealer if internal maintenance is required.
REPLACEMENT BLADES
Replacement blades are available from your CLARKE dealer as follows:
Wood - 6462196 (pack of 5)
Metal - 6462198 (pack of 5)
WARNING: BEFORE PERFORMING ANY MAINTENANCE TASKS
ENSURE THE PLUG HAS BEEN REMOVED FROM THE MAINS SUPPLY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com