Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CJS400 Datasheet(PDF) 10 Page - Clarke International

Part # CJS400
Description  400W JIG SAW
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CJS400 Datasheet(HTML) 10 Page - Clarke International

Back Button CJS400 Datasheet HTML 6Page - Clarke International CJS400 Datasheet HTML 7Page - Clarke International CJS400 Datasheet HTML 8Page - Clarke International CJS400 Datasheet HTML 9Page - Clarke International CJS400 Datasheet HTML 10Page - Clarke International CJS400 Datasheet HTML 11Page - Clarke International CJS400 Datasheet HTML 12Page - Clarke International CJS400 Datasheet HTML 13Page - Clarke International CJS400 Datasheet HTML 14Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
CUTTING PROCEDURES
USING THE JIGSAW
1. Ensure that the workpiece being cut is securely held in place and that the cut line
is clearly marked.
2. Place the sole-plate on the workpiece and squeeze the trigger to run the jigsaw up
to its working speed before letting the blade touch the cut line.
3. To make your cut, move the saw slowly forward along the cutting line taking care
that the blade is vertical (unless making an angled cut) and correctly positioned in
relation to the cut line.
4. Let the blade work forward, ensuring the sole plate is flush with the workpiece.
5. DO NOT press too hard. If the saw slows down as it is cutting, apply less
pressure.
6. Adjust the speed control to suit the material being cut. The optimum speed will be
determined with practice.
7. When sawing do not put unnecessary pressure on the blade and avoid applying
lateral pressure.
8. Take extra care when cutting curves - move the blade slowly to avoid stress on
the blade.
9. Check that any previously used timber being sawn does not contain any nails or
other metal objects which would damage the blade.
10. Ensure the blade is not striking on anything below the workpiece and that the
power cable is well away from the moving blade before starting the saw.
• If cutting out an aperture, it will be necessary to drill a suitably sized hole
in the workpiece for use as a starting point.
• Note that the blade should emerge from the workpiece at every point of
the cut.
11. Allow the saw to come to a complete stop before putting it down.
12. To prevent accidents, turn off the saw and disconnect the power supply after use.
Clean, then store the saw indoors out of the reach of children.
WARNING: IF THE CUTTING OPERATION IS DUSTY, WE RECOMMEND
THAT YOU WEAR A DUST MASK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com