Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7265X Datasheet(PDF) 3 Page - ams-OSRAM AG

Part # AS7265X
Description  Smart 18-Channel VIS to NIR Spectral_ID 3-Sensor Chipset with Electronic Shutter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7265X Datasheet(HTML) 3 Page - ams-OSRAM AG

  AS7265X Datasheet HTML 1Page - ams-OSRAM AG AS7265X Datasheet HTML 2Page - ams-OSRAM AG AS7265X Datasheet HTML 3Page - ams-OSRAM AG AS7265X Datasheet HTML 4Page - ams-OSRAM AG AS7265X Datasheet HTML 5Page - ams-OSRAM AG AS7265X Datasheet HTML 6Page - ams-OSRAM AG AS7265X Datasheet HTML 7Page - ams-OSRAM AG AS7265X Datasheet HTML 8Page - ams-OSRAM AG AS7265X Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 64 page
background image
Page 2
ams Datasheet
Document Feedback
[v1-04] 2018-Jul-09
AS7265x − General Description
Figure 1:
AS7265x Chip-Set Benefits and Features
Applications
The AS7265x applications include:
• Product/Brand authentication
• Anti-counterfeiting
• Portable spectroscopy
• Product safety/adulteration detection
• Horticultural and specialty lighting
• Material analysis
Benefits
Features
• Compact 18-channel spectrometry chip-set
solution
• 3 chip set including master device delivering 18
visible and NIR channels from 410nm to 940nm
each with 20nm FWHM
• UART or I²C slave digital Interface
• Visible filter set realized by silicon interference
filters
• No additional signal conditioning required
• 16-bit ADC with digital access
• Programmable LED drivers
• 2.7V to 3.6V with I²C interface
• Small, robust package, with built-in aperture
• 20-pin LGA package 4.5mm x 4.7mm x 2.5mm
-40°C to 85°C temperature range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com