Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7265X Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # AS7265X
Description  Smart 18-Channel VIS to NIR Spectral_ID 3-Sensor Chipset with Electronic Shutter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7265X Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button AS7265X Datasheet HTML 2Page - ams-OSRAM AG AS7265X Datasheet HTML 3Page - ams-OSRAM AG AS7265X Datasheet HTML 4Page - ams-OSRAM AG AS7265X Datasheet HTML 5Page - ams-OSRAM AG AS7265X Datasheet HTML 6Page - ams-OSRAM AG AS7265X Datasheet HTML 7Page - ams-OSRAM AG AS7265X Datasheet HTML 8Page - ams-OSRAM AG AS7265X Datasheet HTML 9Page - ams-OSRAM AG AS7265X Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 64 page
background image
ams Datasheet
Page 5
[v1-04] 2018-Jul-09
Document Feedback
AS7265x − Pin Assignments
Note(s):
1. Pin out is valid for firmware versions from 11 and later.
Figure 5:
AS72652 and AS72653 Pin Description
11
RX / SCL_S
Digital Input and Output
RX (UART) or SCL_S (I²C slave) depending on
I2C_ENB setting
12
TX / SDA_S
Digital Input and Output
TX (UART) or SDA_S (I²C slave) depending on
I2C_ENB setting
13
INT
Digital Output
INT is active low
14
VDD2
Voltage Supply
Voltage supply
15
LED_DRV
Analog Output
LED driver output for driver LED, current sink
16
GND
Supply
Ground
17
VDD1
Voltage Supply
Voltage supply
18
LED_IND
Analog Output
LED driver output for indicator LED, current sink
19
NC
Not functional, no connect
20
SLV2_RESN
Digital Output
Reset pin for slave 2 e.g. AS72653, active low
Pin No.
Pin Name
Pin Type
Description
1
NC
Not functional, no connect
2
RESN
Digital Input
Reset pin, active low (with internal pull-up to
VDD)
3
NC
Not functional, no connect
4
NC
Not functional, no connect
5
NC
Not functional, no connect
6
NC
Not functional, no connect
7
NC
Not functional, no connect
8
NC
Not functional, no connect
9
SCL_S
Digital Input and Output
I²C slave clock for communication with master
AS72651
10
SDA_S
Digital Input and Output
I²C slave data for communication with master
AS72651
Pin No.
Pin Name
Pin Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com