Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7265X Datasheet(PDF) 55 Page - ams-OSRAM AG

Part # AS7265X
Description  Smart 18-Channel VIS to NIR Spectral_ID 3-Sensor Chipset with Electronic Shutter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7265X Datasheet(HTML) 55 Page - ams-OSRAM AG

Back Button AS7265X Datasheet HTML 51Page - ams-OSRAM AG AS7265X Datasheet HTML 52Page - ams-OSRAM AG AS7265X Datasheet HTML 53Page - ams-OSRAM AG AS7265X Datasheet HTML 54Page - ams-OSRAM AG AS7265X Datasheet HTML 55Page - ams-OSRAM AG AS7265X Datasheet HTML 56Page - ams-OSRAM AG AS7265X Datasheet HTML 57Page - ams-OSRAM AG AS7265X Datasheet HTML 58Page - ams-OSRAM AG AS7265X Datasheet HTML 59Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 64 page
background image
Page 54
ams Datasheet
Document Feedback
[v1-04] 2018-Jul-09
AS7265x − Soldering & Storage Information
Manufacturing Process Considerations
The AS72651,AS72652 and AS72653 packages are compatible
with standard reflow no-clean and cleaning processes
including aqueous, solvent or ultrasonic techniques. However,
as an open-aperture device, precautions must be taken to avoid
particulate or solvent contamination as a result of any
manufacturing processes, including pick and place, reflow,
cleaning, integration assembly and/or testing. Temporary
covering of the aperture is allowed. To avoid degradation of
accuracy or performance in the end product, care should be
taken that any temporary covering and associated
sealants/debris are thoroughly removed prior to any optical
testing or final packaging.
Storage Information
Moisture Sensitivity
Optical characteristics of the device can be adversely affected
during the soldering process by the release and vaporization of
moisture that has been previously absorbed into the package.
To ensure the package contains the smallest amount of
absorbed moisture possible, each device is baked prior to being
dry packed for shipping.
Devices are dry packed in a sealed aluminized envelope called
a moisture-barrier bag with silica gel to protect them from
ambient moisture during shipping, handling, and storage
before use.
Shelf Life
The calculated shelf life of the device in an unopened moisture
barrier bag is 12 months from the date code on the bag when
stored under the following conditions:
• Shelf Life: 12 months
• Ambient Temperature: <40°C
• Relative Humidity: <90%
Rebaking of the devices will be required if the devices exceed
the 12 month shelf life or the Humidity Indicator Card shows
that the devices were exposed to conditions beyond the
allowable moisture region.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com