Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7265X Datasheet(PDF) 38 Page - ams-OSRAM AG

Part # AS7265X
Description  Smart 18-Channel VIS to NIR Spectral_ID 3-Sensor Chipset with Electronic Shutter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7265X Datasheet(HTML) 38 Page - ams-OSRAM AG

Back Button AS7265X Datasheet HTML 34Page - ams-OSRAM AG AS7265X Datasheet HTML 35Page - ams-OSRAM AG AS7265X Datasheet HTML 36Page - ams-OSRAM AG AS7265X Datasheet HTML 37Page - ams-OSRAM AG AS7265X Datasheet HTML 38Page - ams-OSRAM AG AS7265X Datasheet HTML 39Page - ams-OSRAM AG AS7265X Datasheet HTML 40Page - ams-OSRAM AG AS7265X Datasheet HTML 41Page - ams-OSRAM AG AS7265X Datasheet HTML 42Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 64 page
background image
ams Datasheet
Page 37
[v1-04] 2018-Jul-09
Document Feedback
AS7265x − Detailed Description
Figure 45:
FW Control Register
Figure 46:
FW Byte Count Register
Figure 47:
FW Payload Register
Addr: 0x48
FW Control
Bit
Bit Name
Default
Access
Bit Description
7
START
R/W
Set bit once to configure the device update
6
STOP
W
Reset firmware update state machine
5
BYTES_
TRANSFERRED
R
All 56kbytes are transferred
4
LOCK
R/W
Lock this firmware for the next start
3
SWITCH
W
Switch between both firmware
2
BANK1
R
Set if bank 1 is active, else bank 2
1
ERROR
R
Error occurred while firmware update
0CHKSUM
R
Checksum of other bank is valid
Addr: 0x49,0x4A
FW Byte Count
Bit
Bit Name
Default
Access
Bit Description
15:8
FW_BYTE_
COUNT_H
0R
Byte counter of transferred image
7:0
FW_BYTE_
COUNT_L
R
Addr:0x4B
FW Payload
Bit
Bit Name
Default
Access
Bit Description
7:0
HW version H
0
R/W
Transfer of firmware byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com