Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7265X Datasheet(PDF) 12 Page - ams-OSRAM AG

Part # AS7265X
Description  Smart 18-Channel VIS to NIR Spectral_ID 3-Sensor Chipset with Electronic Shutter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7265X Datasheet(HTML) 12 Page - ams-OSRAM AG

Back Button AS7265X Datasheet HTML 8Page - ams-OSRAM AG AS7265X Datasheet HTML 9Page - ams-OSRAM AG AS7265X Datasheet HTML 10Page - ams-OSRAM AG AS7265X Datasheet HTML 11Page - ams-OSRAM AG AS7265X Datasheet HTML 12Page - ams-OSRAM AG AS7265X Datasheet HTML 13Page - ams-OSRAM AG AS7265X Datasheet HTML 14Page - ams-OSRAM AG AS7265X Datasheet HTML 15Page - ams-OSRAM AG AS7265X Datasheet HTML 16Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 64 page
background image
ams Datasheet
Page 11
[v1-04] 2018-Jul-09
Document Feedback
AS7265x − Electrical Characteristics
Figure 9:
I²C Slave Timing Diagram
Figure 10:
AS72651 SPI Timing Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
SPI Interface
fSCK
Clock Frequency
0
16
MHz
tSCK_H
Clock High Time
40
ns
tSCK_L
Clock Low Time
40
ns
tSCK_RISE
SCK Rise Time
5
ns
tSCK_FALL
SCK Fall Time
5
ns
tCSN_S
CSN Setup Time
Time between CSN high-low
transition to first SCK high
transition
50
ns
tCSN_H
CSN Hold Time
Time between last SCK
falling edge and CSN
low-high transition
100
ns
tCSN_DIS
CSN Disable Time
100
ns
tDO_S
Data-Out Setup Time
5
ns
tDO_H
Data-Out Hold Time
5
ns
tDI_V
Data-In Valid
10
ns
SCL
SDA
tSU:STA
tLOW
tHIGH
tF
tR
tHD:STA
tSU:STO
tSU:DAT
tHD:DAT
tBUF
VIH
VIL
PS
SP
Stop
Start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com