Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7265X Datasheet(PDF) 14 Page - ams-OSRAM AG

Part # AS7265X
Description  Smart 18-Channel VIS to NIR Spectral_ID 3-Sensor Chipset with Electronic Shutter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7265X Datasheet(HTML) 14 Page - ams-OSRAM AG

Back Button AS7265X Datasheet HTML 10Page - ams-OSRAM AG AS7265X Datasheet HTML 11Page - ams-OSRAM AG AS7265X Datasheet HTML 12Page - ams-OSRAM AG AS7265X Datasheet HTML 13Page - ams-OSRAM AG AS7265X Datasheet HTML 14Page - ams-OSRAM AG AS7265X Datasheet HTML 15Page - ams-OSRAM AG AS7265X Datasheet HTML 16Page - ams-OSRAM AG AS7265X Datasheet HTML 17Page - ams-OSRAM AG AS7265X Datasheet HTML 18Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 64 page
background image
ams Datasheet
Page 13
[v1-04] 2018-Jul-09
Document Feedback
AS7265x − Typical Operating Characteristics
Optical Characteristics
All optical characteristics are optimized for diffused light. When
using a point light source or collimated light on the sensor, the
sensor opening must be covered by a lambertian diffuser with
achromatic characteristics. Diffusor of Tsujiden like D121UP
have been successfully tested at ams. If in the application
diffused light, e.g. used by a reflective surface, no additional
diffuser is required.
Figure 13:
AS7265x LGA Average Field of View
Figure 14:
AS7265x 18-Channel Spectral Responsivity
Typical Operating
Characteristics
LGA Package Substrate
DIE
E
E
α = 12°
H=2.5mm
Sensor
ns
so
or
Lens
Diffused Light
β = 20.5°
β
β =
= 20 5
20 5°
A=0.75mm
β
β
β
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Wavelength (λ, nm)
18 Channel Spectral Response
AS72651 + AS72652 + AS72653
410nm
435nm
460nm
485nm
510nm
535nm
560nm
585nm
610nm
645nm
680nm
705nm
730nm
760nm
810nm
860nm
900nm
940nm
A
B
C
D
E
F
G
H
R
I
S
J
T
U
V
W
K
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com