Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7265X Datasheet(PDF) 33 Page - ams-OSRAM AG

Part # AS7265X
Description  Smart 18-Channel VIS to NIR Spectral_ID 3-Sensor Chipset with Electronic Shutter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7265X Datasheet(HTML) 33 Page - ams-OSRAM AG

Back Button AS7265X Datasheet HTML 29Page - ams-OSRAM AG AS7265X Datasheet HTML 30Page - ams-OSRAM AG AS7265X Datasheet HTML 31Page - ams-OSRAM AG AS7265X Datasheet HTML 32Page - ams-OSRAM AG AS7265X Datasheet HTML 33Page - ams-OSRAM AG AS7265X Datasheet HTML 34Page - ams-OSRAM AG AS7265X Datasheet HTML 35Page - ams-OSRAM AG AS7265X Datasheet HTML 36Page - ams-OSRAM AG AS7265X Datasheet HTML 37Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 64 page
background image
Page 32
ams Datasheet
Document Feedback
[v1-04] 2018-Jul-09
AS7265x − Detailed Description
The maximum sensitivity value depends on the integration
time. For every 2.78ms of integration time, the maximum
sensitivity value increases by 1024 counts. This means that to
be able to reach the full sensitivity scale, the sensitivity has to
be at least 64*2.78ms.
Figure 30:
Integration Time Register
Figure 31:
Temperature Register
Addr: 0x05
Integration Time
Bit
Bit Name
Default
Access
Bit Description
7:0
INTEGRATION_
TIME
20
R/W
Integration time = <value> * 2.8ms (applies to all
channels); value: 1-255;Return 0 - read error
Value
Integration
Cycles
Integration
Time
Maximum
ADC
Value
0x00
1
2.78ms
1023
0x01
2
5.56ms
2047
...
...
...
...
0x11
18
50ms
18431
0x40
65
181ms
65535
...
...
...
...
0xFF
256
711ms
65535
Addr: 0x06
Temperature
Bit
Bit Name
Default
Access
Bit Description
7:0
Temperature
-
R
Temperature of the device in °C
Read value from every device in dependency of
register DEV_SEL
From -127 to 127
Return -128: Means error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com