Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS89000 Datasheet(PDF) 5 Page - ams-OSRAM AG

Part # AS89000
Description  Multi-channel programmable gain transimpedance amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS89000 Datasheet(HTML) 5 Page - ams-OSRAM AG

  AS89000 Datasheet HTML 1Page - ams-OSRAM AG AS89000 Datasheet HTML 2Page - ams-OSRAM AG AS89000 Datasheet HTML 3Page - ams-OSRAM AG AS89000 Datasheet HTML 4Page - ams-OSRAM AG AS89000 Datasheet HTML 5Page - ams-OSRAM AG AS89000 Datasheet HTML 6Page - ams-OSRAM AG AS89000 Datasheet HTML 7Page - ams-OSRAM AG AS89000 Datasheet HTML 8Page - ams-OSRAM AG AS89000 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ams.com
db05175e_V3.01_preliminary_2017-07-06
Page 3 of 14
AS89000
V3.01
2 DESCRIPTION OF INTERFACE
2.1 Pin Assignment
Table 1: Pin assignment
SIGNAL NAME
TYP
A/DA
FUNCTION
VDD
input
a/d
power supply
GND
input
a/d
ground
VREF
input
a
reference voltage
SW1
input
d
input 1 for adjustment of transimpedance of AS89000-amplifier (pull
down)
SW2
input
d
input 2 for adjustment of transimpedance of AS89000-amplifier (pull
down)
SW3
input
d
input 3 for adjustment of transimpedance of AS89000-amplifier (pull
down)
SW4
input
d
switchable frequency range depended on input capacitance of the
photo-sensor (pull down)
PD
input
d
power down mode (pull down)
IIN<X>
input
a
analog current input of amplifier X
VOUT<X>
output
a
analog voltage output of amplifier X
a
) analog or digital
2.2 Adjustment of Transimpedance
Table 2: Adjustment of Transimpedance
SETTINGS OF DIGITAL INPUTS
TRANSIMPEDANCE R
SW1
SW2
SW3
VDD
VDD
VDD
20 M – stage 1
GND
VDD
VDD
10 M – stage 2
GND
VDD
GND
5 M – stage 3
VDD
GND
VDD
2 M – stage 4
GND
GND
VDD
1 M – stage 5
VDD
GND
GND
500 k – stage 6
VDD
VDD
GND
100 k – stage 7
GND
GND
GND
25 kb – stage 8
b
) default by pull down
2.3 Switchable Frequency Rrange
Table 3: Switchable Frequency Rrange
SETTINGS OF DIGITAL INPUT
ALLOWED CAPACITANCE OF PHOTO-SENSOR
SW4
VDD
< 5 pF
GND
< 80 pFc
c
) default by pull down
2.4 Power Down Mode
Table 4: Power Down Mode
SETTINGS OF DIGITAL INPUT
BIAS CURRENT OF THE IC
PD
VDD
< 8 µA
GND
typicald
d
) default by pull down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com